Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC8315CVRAGDA Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 84Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 85Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 86Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 87Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 88Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 89Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 90Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 91Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
88
Freescale Semiconductor
Package and Pin Listings
Power and Ground Supplies
GVDD
Y11, Y12, Y14, Y15, Y17, AC8, AC11,
AC14, AC17, AD6, AD9, AD17, AE8,
AE13, AE19, AF10, AF15, AF21, AG2,
AG3, AG8, AG13, AG19, AH2
I—
—
LVDD1_OFF
H6, J3, L6, L9, M9
I
—
—
LVDD2_ON
C11, D9, E10, F11, J12
I
—
—
NVDD1_OFF
U9, V9, W10, Y4, Y6,
AA3, AB4
I—
—
NVDD1_ON
B1, B2, C1, D5, E7, F5, F9, J11, K10
I
—
—
NVDD2_OFF
B22, B27, C19, E16, F15, F18, F21, F25,
H25, J17, J18, J23, L20, M20
I—
—
NVDD2_ON
L26, N19
I
—
—
NVDD3_OFF
U20, V20, V23, V26, W19, Y18, Y26,
AA23, AA25, AC20, AC25, AD23, AE25,
AG25, AG27
I—
—
NVDD4_OFF
K4, L2, M6, N10
I
—
—
VDD
J15, K15, K16, K17, K18, K19, L10, L19,
M10, T10, U10, U19, V10, V19, W11, W12,
W13, W14, W15, W16, W17, W18
I—
—
VDD1ANA
P23, R23, T19
I
—
—
VDD1IO
M26, N26, P28, R28
I
—
—
VDDC
J14, K11, K12, K13,
K14, M19
I—
—
VSS
A3, A27, B3, B12, B24, B28, C6, C8, C13,
C17, C21, C23, C26, D2, D7, D15, D18,
D20, D22, E4, E6, E11, E24, E26, F8, F12,
F14, F17, F20, G3, G26, H4, H23, J6, J26,
K25, L4, L11, L12, L13, L14, L15, L16, L17,
L18, L23, L28, M3, M11, M12, M13, M14,
M15, M16, M17, M18, N5, N11, N12, N13,
N14, N15, N16, N17, N18, P6, P11, P12,
P13, P14, P15, P16, P17, P18, R6, R11,
R12, R13, R14, R15, R16, R17, R18, T11,
T12, T13, T14, T15, T16, T17, T18, U5, U6,
U11, U12, U13, U14, U15, U16, U17, U18,
V6, V11, V12, V13, V14, V15, V16, V17,
V18, W5, W25, W27, Y2, Y23, AA6, AA27,
AB2, AB26, AC5, AC9, AC12, AC18, AC21,
AD3, AD14, AD16, AD20, AD26, AE2,
AE7, AE11, AE16, AE22, AE24, AF2, AF9,
AF12, AF18, AF20, AF23, AF27, AG1,
AG5, AG11, AG16, AG22, AG28, AH27
I—
—
VSS1ANA
P24, R19, R20, R24
I
—
—
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com