Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC8315CVRAGDA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
11
Electrical Characteristics
This figure shows the undershoot and overshoot voltages at the interfaces of the MPC8315E.
Figure 2. Overshoot/Undershoot Voltage for GVDD/NVDD/LVDD
3.1.3
Output Driver Characteristics
This table provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
Note:
1. The NVDDx_ON are static power supplies and can be connected together.
2. The NVDDx_OFF are switchable power supplies and can be connected together.
3. Minimum Temperature is specified with TA;maximum temperature is specified with TJ.
4. All Power rails must be connected and power applied to the MPC8315 even if the IP interfaces are not used.
5. All I/O pins should be interfaced with peripherals operating at same voltage level.
6. This voltage is the input to the filter discussed in Section 26.2, “PLL Power Supply Filtering” and not necessarily the voltage
at the AVDD pin.
7. All 1V power supplies should be derived from the same source.
Table 3. Output Drive Capability
Driver Type
Output
Impedance (
)
Supply
Voltage
Local bus interface utilities signals
42
NVDD = 3.3 V
PCI signals
25
DDR signal1
18
GVDD = 2.5 V
DDR2 signal 1
18
GVDD = 1.8 V
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value1
Unit
Status in D3
Warm mode
Note
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/NVDD + 20%
G/L/NVDD
G/L/NVDD + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com