Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC8315CVRAGDA Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 86Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 87Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 88Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 89Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 90Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 91Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 92Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 93Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
90
Freescale Semiconductor
Clocking
24 Clocking
This figure shows the internal distribution of clocks within the MPC8315E.
1 Multiplication factor M = 1, 1.5, 2, 2.5, and 3. Value is decided by RCWLR[COREPLL].
2 Multiplication factor L = 2, 3, 4 and 5. Value is decided by RCWLR[SPMF].
Figure 62. MPC8315E Clock Subsystem
System
LBC
LCLK[0:1]
e300c3 core
csb_clk to rest
csb_clk
Local Bus
PCI_CLK_OUT[0:2]
PCI_SYNC_OUT
PCI_CLK/
Clock
Unit
of the device
lbc_clk
_DIV
PCI Clock
PCI_SYNC_IN
Memory
Device
/n
To local bus
Clock
Divider (
2)
3
MEMC_MCK
MEMC_MCK
DDR
ddr_clk
DDR
Memory
Device
PLL
to DDR
memory
controller
Clock
CFG_CLKIN
/2
Divider
Divider
1
0
USB Mac
USB PHY
PLL
eTSEC
Protocol
Converter
GTX_CLK125
125-MHz source
SYS_XTAL_IN
SYS_XTAL_OUT
mux
Crystal
SYS_CLK_IN
USB_XTAL_IN
USB_XTAL_OUT
Crystal
USB_CLK_IN
/1,/2
RTC_CLK (32 kHz)
RTC
Sys Ref
core_clk
x L2
TDM
/n
PCI Express
Protocol
Converter
125/100 MHz
PLL
PCVTR Mux
SerDes PHY
+
-
SD_REF_CLK
SD_REF_CLK
SATA Controller
PLL
SATA PHY
SATA_CLK_IN
50/75/100/
125/150 MHz
MPC8315E
Core PLL
x M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com