Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC8315CVRAGDA Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 16Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 17Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 18Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
15
Clock Input Timing
5
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the MPC8315E.
DDR 2
Rs = 22
Rt = 75
266MHz,
32 bits
0.246
—
—
—
—
—
—
—
W
200MHz,
32bits
0.225
—
—
—
—
—
—
—
W
PCI I/O
load = 50pF
33 MHz
—
—
0.120
—
—
—
—
—
W
66 MHz
—
—
0.249
—
—
—
—
—
W
Local bus I/O
load = 20pF
66 MHz
———
—
0.056
—
—
—
W
50 MHz
———
—
0.040
—
—
—
W
eTSEC I/O
load = 20pF
Multiple by
number of
interface
used
MII, 25MHz
—
—
—
0.008
—
—
—
—
W
RGMII,
125MHz
(3.3V)
—
—
—
0.078
—
—
—
—
W
RGMII,
125MHz
(2.5V)
—
—
—
0.044
—
—
—
—
W
USBDR
Controller
(ULPI mode)
load =20pF
60 MHz
—
—
—
0.078
—
—
—
—
W
USBDR+
Internal PHY
(UTMI mode)
480 MHz
—
—
—
0.274
—
—
—
—
W
PCI Express
two x1lane
2.5 GHz
—
—
—
—
—
—
—
0.190
W
SATA two
ports
3.0 GHz
—
—
—
—
—
0.021
0.206
—
W
Other I/O
—
—
—
0.015
—
—
—
—
—
W
Table 5. MPC8315E Power Dissipation (continued)
Interface
Frequency
GVDD
(1.8 V)
GVDD
(2.5 V)
NVDD
(3.3 V)
LVDD1_OFF/
LVDD2_ON
(3.3V)
LVDD2
_ON
(3.3V)
VDD33PLL,
VDD33ANA
(3.3V)
SATA_VDD,
VDD1IO,
VDD1ANA
(1.0V)
XCOREVDD,
XPADVDD,
SDAVDD
(1.0V)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com