Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD488588FF Datasheet(PDF) 18 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 18 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 14Page - Elpida Memory PD488588FF Datasheet HTML 15Page - Elpida Memory PD488588FF Datasheet HTML 16Page - Elpida Memory PD488588FF Datasheet HTML 17Page - Elpida Memory PD488588FF Datasheet HTML 18Page - Elpida Memory PD488588FF Datasheet HTML 19Page - Elpida Memory PD488588FF Datasheet HTML 20Page - Elpida Memory PD488588FF Datasheet HTML 21Page - Elpida Memory PD488588FF Datasheet HTML 22Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
18
µµµµPD488588FF-C80-40
7. ROW-to-COL Packet Interaction
Figure 7-1 shows two packets on the ROW and COL pins. They must be separated by an interval tRCDELAY which
depends upon the packet contents.
Figure 7-1 ROW-to-COL Packet Interaction- Timing
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T
T17 T18 T19
Transaction a: ROPa
Transaction b: COPb
a0 = {Da,Ba,Ra}
b1= {Db,Bb,Cb1}
tRCDELAY
ROPa a0
COPb b1
Table 7-1 summarizes the tRCDELAY values for all possible cases. Note that if the COL packet is earlier than the
ROW packet, it is considered a COL-to-ROW packet interaction.
Cases RC1 through RC5 summarize the rules when the ROW packet has an ACT command. Figure 13-1 and
Figure 14-1 show examples of RC5 - an activation followed by a read or write. RC4 is an illegal situation, since a
read or write of a precharged banks is being attempted (remember that for a bank to be activated, adjacent banks
must be precharged). In cases RC1, RC2, and RC3, there is no interaction of the ROW and COL packets.
Cases RC6 through RC8 summarize the rules when the ROW packet has a PRER command. There is either no
interaction (RC6 through RC9) or an illegal situation with a read or write of a precharged bank (RC9).
The COL pins can also schedule a precharge operation with a RDA, WRA, or PREC command in a COLC packet or
a PREX command in a COLX packet. The constraints of these precharge operations may be converted to equivalent
PRER command constraints using the rules summarized in Figure 12-2.
Table 7-1 ROW-to-COL Packet Interaction - Rules
Case # ROPa Da
Ba
Ra
COPb
Db
Bb
Cb1
tRCDELAY
Example
RC1
ACT
Da
Ba
Ra
NOCOP, RD, retire
/= Da
xxxx
x..x
0
RC2
ACT
Da
Ba
Ra
NOCOP
== Da
xxxx
x..x
0
RC3
ACT
Da
Ba
Ra
RD, retire
== Da
/= {Ba, Ba+1, Ba-1}
x..x
0
RC4
ACT
Da
Ba
Ra
RD, retire
== Da
== {Ba+1, Ba-1}
x..x
Illegal
RC5
ACT
Da
Ba
Ra
RD, retire
== Da
== {Ba}
x..x
tRCD
Figure 13-1
RC6
PRER Da
Ba
Ra
NOCOP, RD, retire
/= Da
xxxx
x..x
0
RC7
PRER Da
Ba
Ra
NOCOP
== Da
xxxx
x..x
0
RC8
PRER Da
Ba
Ra
RD, retire
== Da
/= {Ba, Ba+1, Ba-1}
x..x
0
RC9
PRER Da
Ba
Ra
RD, retire
== Da
== {Ba+1, Ba-1}
x..x
Illegal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com