| Electronic Components Datasheet Search |
|
PD488588FF Datasheet(PDF) 23 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
PD488588FF Datasheet(HTML) 23 Page - Elpida Memory |
|
23 / 79 page ![]() Data Sheet E0251N20 (Ver. 2.0) 23 µµµµPD488588FF-C80-40 12. Precharge Mechanisms Figure 12-1 shows an example of precharge with the ROWR packet mechanism. The PRER command must occur a time tRAS after the ACT command, and a time tRP before the next ACT command. This timing will serve as a baseline against which the other precharge mechanisms can be compared. Figure 12-1 Precharge via PRER Command in ROWR Packet CTM/CFM DQA8..0 DQB8..0 COL4 ..COL0 ROW2 ..ROW0 T0 T4 T8 T12 T1 T5 T9 T13 T2 T6 T10 T14 T3 T7 T11 T15 T16 T20 T24 T28 T17 T21 T25 T29 T18 T22 T26 T30 T19 T23 T27 T31 T32 T36 T40 T44 T33 T37 T41 T45 T34 T38 T42 T46 T35 T39 T43 T47 ACT a0 PRER a5 tRAS tRC a0 = {Da,Ba,Ra} a5 = {Da,Ba} b0 = {Da,Ba,Rb} tRP ACT b0 Figure 12-2 (top) shows an example of precharge with a RDA command. A bank is activated with an ROWA packet on the ROW pins. Then, a series of four dualocts are read with RD commands in COLC packets on the COL pins. The fourth of these commands is a RDA, which causes the bank to automatically precharge when the final read has finished. The timing of this automatic precharge is equivalent to a PRER command in an ROWR packet on the ROW pins that is offset a time tOFFP from the COLC packet with the RDA command. The RDA command should be treated as a RD command in a COLC packet as well as a simultaneous (but offset) PRER command in an ROWR packet when analyzing interactions with other packets. Figure 12-2 (middle) shows an example of precharge with a WRA command. As in the RDA example, a bank is activated with an ROWA packet on the ROW pins. Then, two dualocts are written with WR commands in COLC packets on the COL pins. The second of these commands is a WRA, which causes the bank to automatically precharge when the final write has been retired. The timing of this automatic precharge is equivalent to a PRER command in an ROWR packet on the ROW pins that is offset a time tOFFP from the COLC packet that causes the automatic retire. The WRA command should be treated as a WR command in a COLC packet as well as a simultaneous (but offset) PRER command in an ROWR packet when analyzing interactions with other packets. Note that the automatic retire is triggered by a COLC packet a time tRTR after the COLC packet with the WR command unless the second COLC contains a RD command to the same device. This is described in more detail in Figure 15- 1. Figure 12-2 (bottom) shows an example of precharge with a PREX command in an COLX packet. A bank is activated with an ROWA packet on the ROW pins. Then, a series of four dualocts are read with RD commands in COLC packets on the COL pins. The fourth of these COLC packets includes an COLX packet with a PREX command. This causes the bank to precharge with timing equivalent to a PRER command in an ROWR packet on the ROW pins that is offset a time tOFFP from the COLX packet with the PREX command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |