| Electronic Components Datasheet Search |
|
PD488588FF Datasheet(PDF) 49 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
PD488588FF Datasheet(HTML) 49 Page - Elpida Memory |
|
49 / 79 page ![]() Data Sheet E0251N20 (Ver. 2.0) 49 µµµµPD488588FF-C80-40 Once the RDRAM is in ATTN, ATTNW, or ATTNR states, it will remain there until it is explicitly returned to the STBY state with a RLX command. A RLX command may be given in an ROWR, COLC, or COLX packet (see the left side of Figure 23-2). It is usually given after all banks of the RDRAM have been precharged; if other banks are still activated, then the RLX command would probably not be given. If a broadcast ROWA packet or ROWR packet (with the ATTN command) is received, the RDRAM’s power state doesn’t change. If a broadcast ROWR packet with RLXR command is received, the RDRAM goes to STBY. Figure 23-2 STBY Entry (left) and STBY Exit (right) STBY ATTN CTM/CFM DQA8..0 DQB8..0 COL4 ..COL0 ROW2 ..ROW0 T0 T4 T8 T12 T1 T5 T9 T13 T2 T6 T10 T14 T3 T7 T11 T15 T16 T20 T17 T21 T18 T22 T19 T23 CTM/CFM DQA8..0 DQB8..0 COL4 ..COL0 ROW2 ..ROW0 T0 T4 T8 T12 T1 T5 T9 T13 T2 T6 T10 T14 T3 T7 T11 T15 T16 tAS RLXR Power State ATTN Power State STBY tSA ROP a0 RLXC RLXX TFRM•tCYCLE COP a1 COP a1 COP a1 COP a1 XOP a1 COP a0 XOP a0 ROP=non-broadcast ROWA or ROWR/ATTN a0={d0, b0, r0} a1={d1, b1, c1} No COL packets may be placed in the three indicated positions; i.e. at (TFRM-{1,2,3})•tCYCLE. A COL packet to device d0 (or any other device) is okay at (TFRM)•tCYCLE or later. A COL packet to another device (d1!=d0) is okay at (TFRM-4)•tCYCLE or earlier. Figure 23-3 shows the NAP entry sequence (left). NAP state is entered by sending a NAPR command in a ROW packet. A time tASN is required to enter NAP state (this specification is provided for power calculation purposes). The clock on CTM/CFM must remain stable for a time tCD after the NAPR command. Figure 23-3 NAP Entry (left) and PDN Entry (right) CTM/CFM DQA8..0 DQB8..0 COL4 ..COL0 ROW2 ..ROW0 T0 T4 T8 T12 T1 T5 T9 T13 T2 T6 T10 T14 T3 T7 T11 T15 T16 T20 T17 T21 T18 T22 T19 T23 CTM/CFM DQA8..0 DQB8..0 COL4 ..COL0 ROW2 ..ROW0 T0 T4 T8 T12 T1 T5 T9 T13 T2 T6 T10 T14 T3 T7 T11 tASN ROP a0 (NAPR) Power State ATTN/STBYNote Power State NAP ATTN/STBY Note PDN tASP ROP a0 (PDNR) Note The(eventual) NAP/PDN exit will be to the same ATTN/STBY state the RDRAM was in prior to NAP/PDN entry tCD tCD a0={d0, b0, r0, c0} a1={d1, b1, c1, c1} No ROW or COL packets directed to device d0 may overlap the restricted interval. No broadcast ROW packets may overlap the quiet interval. ROW or COL packets to a device other than d0 may overlap the restricted interval. restricted ROP a1 COP a0 XOP a0 COP a1 XOP a1 restricted restricted ROP a1 COP a0 XOP a0 COP a1 XOP a1 restricted ROW or COL packets directed to device d0 after the restricted interval will be ignored. tNPQ tNPQ The RDRAM may be in ATTN or STBY state when the NAPR command is issued. When NAP state is exited, the RDRAM will return to the original starting state (ATTN or STBY). If it is in ATTN state and a RLXR command is specified with NAPR, then the RDRAM will return to STBY state when NAP is exited. Figure 23-3 also shows the PDN entry sequence (right). PDN state is entered by sending a PDNR command in a ROW packet. A time tASP is required to enter PDN state (this specification is provided for power calculation purposes). The clock on CTM/CFM must remain stable for a time tCD after the PDNR command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |