Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD488588FF Datasheet(PDF) 34 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 34 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 30Page - Elpida Memory PD488588FF Datasheet HTML 31Page - Elpida Memory PD488588FF Datasheet HTML 32Page - Elpida Memory PD488588FF Datasheet HTML 33Page - Elpida Memory PD488588FF Datasheet HTML 34Page - Elpida Memory PD488588FF Datasheet HTML 35Page - Elpida Memory PD488588FF Datasheet HTML 36Page - Elpida Memory PD488588FF Datasheet HTML 37Page - Elpida Memory PD488588FF Datasheet HTML 38Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
34
µµµµPD488588FF-C80-40
21. Initialization
Figure 21-1 SIO Pin Reset Sequence
SCK
CMD
SIO0
T16
0000000000000000
00000000...00000000
0000000000000000
SIO1
T0
The packet is repeated
from SIO0 to SIO1
1
1
1
1
0
0
0
0
00001100
Initialization refers to the process that a controller must go through after power is applied to the system or the system
is reset. The controller prepares the RDRAM sub-system for normal Channel operation by (primarily) using a
sequence of control register transactions on the serial CMOS pins. The following steps outline the sequence seen by
the various memory subsystem components (including the RDRAM components) during initialization. This sequence
is available in the form of reference code. Contact Rambus Inc. for more information.
1.0 Start Clocks
This step calculates the proper clock frequencies for PClk (controller logic), SynClk (RAC block), RefClk (DRCG
component), CTM (RDRAM component), and SCK (SIO block).
2.0 RAC Initialization
This step causes the INIT block to generate a sequence of pulses which resets the RAC, performs RAC
maintainance operations, and measures timing intervals in order to ensure clock stability.
3.0 RDRAM Initialization
This stage performs most of the steps needed to initialize the RDRAMs. The rest are performed in stages 5.0,
6.0, and 7.0. All of the steps in 3.0 are carried out through the SIO block interface.
3.1/3.2 SIO Reset
After a delay of tPAUSE from step 1.0, this reset operation is performed before any SIO control register read or
write transactions. It clears six registers (TEST34, CCA, CCB, SKIP, TEST78, and TEST79) and places the
INIT register into a special state (all bits cleared except SKP and SDEVID fields are set to ones).
3.3 Write TEST77 Register
The TEST77 register must be explicitly written with zeros before any other registers are read or written.
3.4 Write TCYCLE Register
The TCYCLE register is written with the cycle time tCYCLE of the CTM clock (for Channel and RDRAMs) in
units of 64ps. The tCYCLE value is determined in stage 1.0.
3.5 Write SDEVID Register
The SDEVID (serial device identification) register of the RDRAM is written with a unique address value so
that directed SIO read and write transactions can be performed. This address value increases from 0 to 31
according to the distance an RDRAM is from the ASIC component on the SIO bus (the closest RDRAM is
address 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com