Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD488588FF Datasheet(PDF) 44 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 44 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 40Page - Elpida Memory PD488588FF Datasheet HTML 41Page - Elpida Memory PD488588FF Datasheet HTML 42Page - Elpida Memory PD488588FF Datasheet HTML 43Page - Elpida Memory PD488588FF Datasheet HTML 44Page - Elpida Memory PD488588FF Datasheet HTML 45Page - Elpida Memory PD488588FF Datasheet HTML 46Page - Elpida Memory PD488588FF Datasheet HTML 47Page - Elpida Memory PD488588FF Datasheet HTML 48Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
44
µµµµPD488588FF-C80-40
Figure 22-1 Control Registers (5/7)
Control Register : TPARM
Address : 04816
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
TCDLY0
TCLS
TCAL
Read/write register.
Reset value is undefined.
Field
Description
TCDLY0
Specifies the tCDLY0-C core parameter in tCYCLE units. This adds a programmable delay to Q (read data) packets,
permitting round trip read delay to all device to be equalized. This field may be written with the values “010” (2
•tCYCLE)
through “101” (5
•tCYCLE).
TCLS1..0
Specifies the tCLS-C core parameter in tCYCLE units. Should be “10” (2
•tCYCLE).
TCAS1..0
Specifies the tCAS-C core parameter in tCYCLE units. This should be “10” (2
•tCYCLE).
The equations relating the core parameters to the datasheet parameters follow:
tCAS-C=2
•tCYCLE
tCLS-C=2
•tCYCLE
tCPS-C=1
•tCYCLE
Not programmable
tOFFP=tCPS-C + tCAS-C + tCLS-C - 1
•tCYCLE
=4
•tCYCLE
tRCD=tRCD-C + 1
•tCYCLE – tCLS-C
=tRCD-C - 1
•tCYCLE
tCAC=3
•tCYCLE + tCLS-C + tCDLY0-C + tCDLY1-C (see table below programming ranges)
TCDLY0
tCDLY0-C
TCDLY1
tCDLY1-C
tCAC@tCYCLE=3.30 ns tCAC@tCYCLE=2.50 ns
010
2
•tCYCLE
000
0
•tCYCLE
7
•tCYCLE
not allowed
011
3
•tCYCLE
000
0
•tCYCLE
8
•tCYCLE
8
•tCYCLE
011
3
•tCYCLE
001
1
•tCYCLE
9
•tCYCLE
9
•tCYCLE
011
3
•tCYCLE
010
2
•tCYCLE
10
•tCYCLE
10
•tCYCLE
100
4
•tCYCLE
010
2
•tCYCLE
11
•tCYCLE
11
•tCYCLE
101
5
•tCYCLE
010
2
•tCYCLE
12
•tCYCLE
12
•tCYCLE
Control Register : TFRM
Address : 04916
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
TFRM3..0
Read/write register.
Reset value is undefined.
Field
Description
TFRM3..0
Specifies the position of the framing point in tCYCLE units. This value must be greater than or equal to the tFRM,MIN
parameter. This is the minimum offset between a ROW packet (which places a device at ATTN) and the first COL
packet (directed to that device) which must be framed. This field may be written with the value “0111” (7
•tCYCLE)
through “1010” (10
•tCYCLE). TFRM is usually set to the value which matches the largest tRCD,MIN parameter (modulo
4
•tCYCLE) that is present in an RDRAM in the memory system. Thus, if an RDRAM with tRCD,MIN=11•tCYCLE were
present, then TFRM would be programmed to 7
•tCYCLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com