Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P968 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
20
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
GENERAL PURPOSE REGISTER (P10)
P10 is a 4-bit general purpose register which can be read, written and rested by all I/O instructions.
(including : INA, INM, OUT, OUTA, OUTM, SEP, CLP, TTP, TFP)
PROGRAM EXAMPLE:
CHIP ROM16K
;--------RAM define area-----------------
DSEG
ORG
10H
HLBUF:
RES
2
; HL buffer for interrupt
P9BUF:
RES
1
; P9 (RAM bank) buffer for interrupt
:
;----------Interruptsubroutine--------------------
CSEG
ORG
004H
LBR
HTCI
:
HTCI:
OUTA P10
; save Acc to general purpose register P10
INA
P9
OUT
#0000B,P9
10 instruction bytes
STA
P9BUF
; save RAM bank to P9BUF
EXHL HLBUF
; save HL to HLBUF
:
:
EXHL HLBUF
; restore HLBUF to HL
LDA
P9BUF
; resotre P9BUF to RAM bank
10 instruction bytes
OUTA P9
INA
P10
; restore register P10 to Acc
RTI
STOP OPERATION MODE
The STOP operation mode suspends system operation and holds the internal status immediately before the
suspension with low power consumption. This mode will be released by reset or I/O pins (P0(0..3)/
WAKEUP 0..3, P1(0..3)/WAKEUP 4..7, P2(0..3)/WAKEUP 8..11, P4(0..3)/WAKEUP 12..15, P5(0..3)/
WAKEUP 16..19, P6(0..3)/WAKEUP 20..23, P7(0..3)/WAKEUP 24..27, P8(0..3)/WAKEUPA..D, P11
(0..3)/WAKEUP 28..31, and P15(0..3)/WAKEUP 32..35).
LCD display and high speed timer/counter with melody output are disabled in STOP mode.
Initial value : 0000
P16 3 2 1 0
SWWT
Set wake up
Stop wake up time (go to NORMAL)
1 0 0
2^9/XIN for RC osc.

1 0 1
2^10/XIN for RC osc.
1 1 0
2^18/XIN for Crystal osc.
1 1 1
2^19/XIN for Crystal osc.
*
*
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com