Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P968 Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 40Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 41Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 42Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 43Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
40
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
RESET
mask option
: mask option
WAKEUP
mask option
negative
edge
detector
input data
XIN
XOUT
Crystal
Osc.
LXIN
RC Osc.
1Mohm
VDD
OSC
10Kohm
RC Osc.
VDD
: mask option
Input
data
Output
data
path B
path A
TYPE I/O-N
Output
data
latch
Special function
output
: mask option
LXIN
LXOUT
Crystal
Osc.
RESET PIN TYPE
TYPE RESET-A
I/O PIN TYPE
TYPE I/O-N
TYPE I/O-O
INPUT PIN TYPE
TYPE INPUT-K
TYPE OSC-H1 (Low frequency)
TYPE OSC-H2 (High frequency)
OSCILLATION PIN TYPE
TYPE OSC-A
TYPE OSC-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com