Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P968 Datasheet(PDF) 38 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 38 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 40Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 41Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 42Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
38
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
RESETTING FUNCTION
When CPU in normal working condition and RESET pin is held in low level for three instruction cycles at least,
then CPU begins to initialize the whole internal states, when RESET pin changes to high level, CPU begins
to work in normal condition.
The CPU internal state during reset condition is as following table :
Hardware condition in RESET state
Initial value
Program counter
0000h
Status flag
01h
Interrupt enable flip-flop ( EI )
00h
MASK0 ,1, 2, 3
00h
Interrupt latch ( IL )
00h
P3, 9, 10, 12, 13, 14, 16, 19, 20, 21, 22, 25,
00h
27, 28, 29
P0, 1, 2, 4, 5, 6, 7, 8, 11, 15, 17, 30, 31
0Fh
LXIN, XIN
Startoscillation
The RESET pin is a hysteresis input pin and it has a pull-up resistor available by mask option.
The simplest RESET circuit is connect RESET pin with a capacitor to V
SS and a diode to VDD.
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com