Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P968 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
11
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
P9(3..0)
instruction field
RAM address
xxxxxxxx
xxxxxxxx
00 00
instruction field
RAM address
yyyy
0000 yyyy
PROGRAM EXAMPLE: Load the data of RAM address "143h" to RAM address "023h".
OUT
#0001B,P9
LDA
43h
; Acc← RAM[143h]
OUT
#0001B,P9
STA
23h
; RAM[023h]← Acc
(3) Zero-page addressing mode:
The zero-page is in the bank 0 (address 000h~00Fh). The address is the lower 4 bits code of the second byte
in the instruction field.
PROGRAM EXAMPLE: Write immediate "0Fh" to RAM address "005h".
STD
#0Fh, 05h
; RAM[05h]← 0Fh
PROGRAM EXAMPLE: Load the data of RAM address "143h" to RAM address "032h".
OUT
#0001B,P9
; RAM bank1
LDL
#3h
; LR← 3
LDH
#4h
; HR← 4
LDAM
; Acc← RAM[134h]
OUT
#0000B,P9
; RAM bank0
LDL
#2h
; LR← 2
LDH
#3h
; HR← 3
STAM
; RAM[023h]← Acc
(2) Direct addressing mode:
The address in the bank is directly specified by 8 bits code of the second byte in the instruction field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com