Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P968 Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
31
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
SERIAL PERIPHERAL INTERFACE (SPI)
The Serial Peripheral Interface (SPI) circuitry consists of two control register P18, P24 , one data register (P12,
P13) ,one shift register. The MSTR select the source of the serial clock from the internal or the external clock.
at the same time, only transfer can occur or receive can occur. The SPI is available for the NORMAL
operation mode.
SPI Control Register :
P24(Bit)
3
2
1
0
SYMBOL
MSTR DORO
CLKS1
CLKS0
CLKS0~CLKS1: SPI transmission clock rate select
This is the clock rate selection bits, on master mode, we have four Kinds of rate can select.
Clock Rate
P24(1,0 BIT)
CLKS1
CLKS0
Fc/2^5
0
0
Fc/2^6
0
1
Fc/2^7
1
0
Fc/2^8
1
1
CTR0~1
SPI_F
MSTR
CLOCK
GENERATOR
DORD
8-BIT Shift register
Output latch
SDO
SDI
Internal
bus
SPI reg
SCK
DCOL
CLK0~1
SPIE
2
2
P12, P13
8
8
P15
DORD: Data transmission order
0: LSB first
the data in the 8-bit shift register is shifted in/out LSB first
1: MSB first
the data in the 8-bit shift register is shifted in/out LSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com