Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P968 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
32
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
MSTR: master or slave mode select
0: Master mode
SPI is in master mode and SCK is configured as an output pin.
SPI clock source is internal clock.
1: slave mode
SPI is in slave mode and SCK is configured as an input pin.
SCK receives the serial clock externally.
P18(Bit)
3210
SYMBOL
SPIE
*
CTR1
CTR0
SPIE: Serial Peripheral Interface Enable
1: Serial Peripheral Interface Enable
0: Serial Peripheral Interface disable
P12, P13 control table
CTR1
CTR0
Select resume
0
0
HTC counter
0
1
A/D converter
1
0
SPI shift data
1
1
Unused
SPI control bit:
SPI_F( P14.1): SPI control flag
when SPI register (P12, P13) is empty SPI_F clear 0
when SPI register (P12, P13) is full, SPI_F set 1
P3(Bit)
3
2
1
0
SYMBOL DCOL
*
ROM bank select
DCOL (P3.3): SPI control flag
When SPI shift register is empty DCOL clear 0.
When SPI shift register is full DCOL set 1.
SDO: Serial data out ( share with P15.0)
When MSTR set to 0 , SDO is an output pin, share with P15.0,
When the SPI is enable , data are shift out form SDO (P15.0)
SDI: Serial data out (share with P15.0)
When MSTR set to 1 , SDI is an input pin, share with P15.0,
When the SPI is enable , data are shift in form SDI (P15.0)
SCK: Serial Clock (share with P15.1)
The SCK pin for synchronization of both input and output data stream through SDI and SDO pins. When the
MSTR is set, SCK become an output and the Serial clock is supplied to the internal system. When the MSTR
is clear, SCK become an intput and the Serial clock is supplied to the external system. The clock speed in slave
mode is dependent upon the speed of the external system and has a maximum speed up till the internal system
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com