Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5729MD Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 31Page - Texas Instruments TAS5729MD Datasheet HTML 32Page - Texas Instruments TAS5729MD Datasheet HTML 33Page - Texas Instruments TAS5729MD Datasheet HTML 34Page - Texas Instruments TAS5729MD Datasheet HTML 35Page - Texas Instruments TAS5729MD Datasheet HTML 36Page - Texas Instruments TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments TAS5729MD Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
CLOCK CONTROL REGISTER (0x00)
The clocks and data rates are automatically determined by the TAS5729MD. The clock control register contains
the autodetected clock status. Bits D7–D5 reflect the sample rate. Bits D4–D2 reflect the MCLK frequency.
Table 5. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
Reserved
0
1
0
–
–
–
–
–
Reserved
0
1
1
–
–
–
–
–
fS = 44.1/48-kHz sample rate
(1)
1
0
0
–
–
–
–
–
fS = 16-kHz sample rate
1
0
1
–
–
–
–
–
fS = 22.05/24-kHz sample rate
1
1
0
–
–
–
–
–
fS = 8-kHz sample rate
1
1
1
–
–
–
–
–
fS = 11.025/12-kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64 × fS
(2)
–
–
–
0
0
1
–
–
MCLK frequency = 128 × fS
(2)
–
–
–
0
1
0
–
–
MCLK frequency = 192 × fS
(3)
–
–
–
0
1
1
–
–
MCLK frequency = 256 × fS
(1) (4)
–
–
–
1
0
0
–
–
MCLK frequency = 384 × fS
–
–
–
1
0
1
–
–
MCLK frequency = 512 × fS
–
–
–
1
1
0
–
–
Reserved
–
–
–
1
1
1
–
–
Reserved
–
–
–
–
–
–
0
–
Reserved(1)
–
–
–
–
–
–
–
0
Reserved(1)
(1)
Default values are in bold.
(2)
Only available for 44.1-kHz and 48-kHz rates
(3)
Rate only available for 32/44.1/48-KHz sample rates
(4)
Not available at 8 kHz
DEVICE ID REGISTER (0x01)
The device ID register contains the ID code for the firmware revision.
Table 6. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
1
0
0
0
0
0
1
Identification code(1)
(1)
Default values are in bold.
Copyright © 2013, Texas Instruments Incorporated
35
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com