Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5729MD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 2Page - Texas Instruments TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments TAS5729MD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
ELECTRICAL SPECIFICATIONS AND CHARACTERISTICS
DIGITAL I/O PINS
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
|IIH|
Input Logic "High" Current Level
All digital pins
-
-
75
µA
VIH
Input Logic "High" threshold for DVDD
All digital pins
2
-
-
V
Referenced Digital Inputs
|IIL|
Input Logic "Low" Current Level
All digital pins
-
-
75
µA
VIL
Input Logic "Low" threshold for DVDD
All digital pins
-
-
0.8
V
Referenced Digital Inputs
VOH
Output Logic "High" Voltage Level
IOH = 4 mA, VDD = 3V
2.4
-
-
V
VOL
Output Logic "Low" Voltage Level
IOH = -4 mA, VDD = 3V
-
-
0.5
V
MASTER CLOCK
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
DMCLK
Allowable MCLK Duty Cycle
40
50
60
%
fMCLK
Supported MCLK Frequencies
2.8224
-
24.576
MHz
tr
Rise and fall time for MCLK
-
-
5
ns
tf
SERIAL AUDIO PORT
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
fSCLK
Supported SCLK Frequencies
Values include 32, 48, and 64
32
-
64
x fS
DSCLK
Allowable SCLK Duty Cycle
40
50
60
%
Required SDIN Setup Time before SCLK
tsu2
10
-
-
ns
Rising Edge
Required SDIN Hold Time after SCLK
th2
10
-
-
ns
Rising Edge
fS
Supported Input Sample Rates
8
-
48
kHz
DLRCLK
Allowable LRCLK Duty Cycle
40
50
60
%
tsu1
Required LRCLK to SCLK Rising Edge
10
-
-
ns
th1
Required LRCLK to SCLK Rising Edge
10
-
-
ns
tr
Rise and fall time for SCLK and LRCLK
-
-
8
ns
tf
Allowable LRCLK drift before LRCLK
-
-
4
MCLKs
reset
PROTECTION CIRCUITRY
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
Overcurrent Threshold for each BTL
OCETHRES
PVDD = 15V, TA = 25°C
-
4.5
-
A
Output
UVETHRES(PVDD) Undervoltage Error (UVE) Threshold
PVDD falling
-
4
-
V
UVETHRES(AVDD) Undervoltage Error (UVE) Threshold
AVDD falling
-
4.1
-
V
UVEHYST(PVDD)
UVE Recovery Threshold
PVDD rising
-
4.5
-
V
UVEHYST(AVDD)
UVE Recovery Threshold
AVDD rising
-
2.7
-
V
Overtemperature Error (OTE)
OTETHRES
-
150
-
°C
Threshold
OTEHYST
OTE Recovery Threshold
-
30
-
°C
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com