Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5729MD Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 43Page - Texas Instruments TAS5729MD Datasheet HTML 44Page - Texas Instruments TAS5729MD Datasheet HTML 45Page - Texas Instruments TAS5729MD Datasheet HTML 46Page - Texas Instruments TAS5729MD Datasheet HTML 47Page - Texas Instruments TAS5729MD Datasheet HTML 48Page - Texas Instruments TAS5729MD Datasheet HTML 49Page - Texas Instruments TAS5729MD Datasheet HTML 50Page - Texas Instruments TAS5729MD Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
Table 21. PWM Output Mux Register (0x25) (continued)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
–
–
–
–
–
–
Reserved(2)
–
–
0
0
–
–
–
–
Multiplex channel 1 to OUT_C
–
–
0
1
–
–
–
–
Multiplex channel 2 to OUT_C(2)
–
–
1
0
–
–
–
–
Multiplex channel 1 to OUT_C
–
–
1
1
–
–
–
–
Multiplex channel 2 to OUT_C
–
–
–
–
0
0
–
–
Reserved(2)
–
–
–
–
–
–
0
0
Multiplex channel 1 to OUT_D
–
–
–
–
–
–
0
1
Multiplex channel 2 to OUT_D
–
–
–
–
–
–
1
0
Multiplex channel 1 to OUT_D
–
–
–
–
–
–
1
1
Multiplex channel 2 to OUT_D(2)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
1
0
0
0
1
0
1
Reserved(2)
(2)
Default values are in bold.
AGL CONTROL REGISTER (0x46)
Table 22. AGL Control Register (0x46)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
0
0
1
0
Reserved(1)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Reserved
–
–
1
–
–
–
–
–
Reserved
–
–
–
0
–
–
–
–
Reserved(1)
–
–
–
–
0
–
–
–
Reserved(1)
–
–
–
–
–
0
–
–
Reserved(1)
–
–
–
–
–
–
0
–
AGL2 turned OFF(1)
–
–
–
–
–
–
1
–
AGL2 turned ON
–
–
–
–
–
–
–
0
AGL1 turned OFF(1)
–
–
–
–
–
–
–
1
AGL1 turned ON
(1)
Default values are in bold.
Copyright © 2013, Texas Instruments Incorporated
47
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com