Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5729MD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments TAS5729MD Datasheet HTML 10Page - Texas Instruments TAS5729MD Datasheet HTML 11Page - Texas Instruments TAS5729MD Datasheet HTML 12Page - Texas Instruments TAS5729MD Datasheet HTML 13Page - Texas Instruments TAS5729MD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 8
Ÿ
C003
BTL
PV
DD = 12V
P
O = 1W
T
A = 25°C
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 8
Ÿ
C004
BTL
PV
DD = 18V
P
O = 1W
T
A = 25ƒC
0
5
10
15
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 8Ÿ THD+N = 1%
RL = 8Ÿ THD+N = 10%
C001
BTL
T
A = 25°C
0
5
10
15
20
25
30
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 8Ÿ THD+N = 1%
RL = 8Ÿ THD+N = 10%
RL = 4Ÿ THD+N = 1%
RL = 4Ÿ THD+N = 10%
C002
PBTL
T
A = 25°C
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
SPEAKER AMPLIFIER TYPICAL PERFORMANCE CHARACTERISTICS
SPACER
SPACER
SPACER
SPACER
OUTPUT POWER
OUTPUT POWER
vs
vs
PVDD IN BTL MODE
PVDD IN POST-FILTER PBTL MODE
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed lines represent thermally limited region.
Figure 4.
Figure 5.
SPACER
SPACER
SPACER
SPACER
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY IN BTL WITH PVDD = 12 V
FREQUENCY IN BTL MODE WITH PVDD = 18 V
Figure 6.
Figure 7.
10
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com