Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 5-6. Summary of Wake Up from Low-Power Modes(1)
CLOCK
WAKE-UP
ACTIVE
MODE
SOURCE
WAKE-UP OPTIONS
CLOCK
WAKE-UP TIMES
CLOCKS
ACTIVE
SOURCE
Doze
Oscillator
RTICLK1
GIO interrupts, CAN Rx,
Oscillator
VREG wake up(2) + flash pump sleep(3) + flash pump
SCI/LIN Rx, RTI
standby(4)
Sleep
None
None
GIO interrupts, CAN Rx,
Oscillator
VREG wakeup + Osc. startup + 1024 Osc. cycles + flash
SCI/LIN Rx
pump sleep + flash pump standby
(1)
Low-power modes are not supported if the internal voltage regulator is disabled.
(2)
VREG wake up = thalt-normal (see Table 5-4).
(3)
Flash pump sleep = minimum time for which the flash pump is in sleep mode before it enters standby mode = 20
µs. The flash pump
sleep to standby counter must be programmed such that the (counter value X wake-up clock source period) is at least 20
µs.
(4)
Flash pump standby = minimum time for which the flash pump is in standby mode before it enters active mode = 1
µs. The flash pump
standby2active counter must be programmed such that the (counter value X wake-up clock source period) is at least 1
µs.
NOTE
The flash banks will wake up in parallel with the flash pump. The flash banks can wake up
faster than the flash pump and therefore the overall flash module wake-up time is determined
by the pump wake-up time.
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
39
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com