Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 1 Page - Texas Instruments

  TMS470MF06607 Datasheet HTML 1Page - Texas Instruments TMS470MF06607 Datasheet HTML 2Page - Texas Instruments TMS470MF06607 Datasheet HTML 3Page - Texas Instruments TMS470MF06607 Datasheet HTML 4Page - Texas Instruments TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
TMS470MF06607 16/32-Bit RISC Flash Microcontroller
Check for Samples: TMS470MF06607
1
Features
1
• High-Performance Automotive Grade
• Communication Interfaces
Microcontroller with Safety Features
– Two CAN Controllers
– Full Automotive Temperature Range
•
One with 32 mailboxes, one with 16
– ECC on Flash and SRAM
•
Parity on mailbox RAM
– CPU and Memory BIST (Built-In Self Test)
– Two Multi-buffered Serial Peripheral
• ARM Cortex™-M3 32-Bit RISC CPU
Interface (MibSPI)
– Efficient 1.2 DMIPS/MHz
•
12 total chip selects
– Optimized Thumb2 Instruction Set
•
64 buffers with parity on each
– Memory Protection Unit (MPU)
– Two UART (SCI) interfaces
– Open Architecture With Third-Party Support
•
H/W Support for Local Interconnect
Network (LIN 2.1 master mode)
– Built-In Debug Module
• High-End Timer (HET)
• Operating Features
– Up to 18 Programmable I/O Channels
– Up to 80MHz System Clock
– 64 Word Instruction RAM with parity
– Single 3.3V Supply Voltage
• 10-Bit Multi-Buffered ADCs (MibADC)
• Integrated Memory
– Up to 16 ADC Input channels
– 640KB Total Program Flash with ECC
– 64 Result FIFO Buffer with parity
– Support for Flash EEPROM Emulation
– 1.55uS total conversion time
– 64K-Byte Static RAM (SRAM) with ECC
– Calibration and Self Test features
• Key Peripherals
• On-Chip Scan-Base Emulation Logic
– High-End Timer, MibADC, CAN, MibSPI
– IEEE Standard 1149.1 (JTAG) Test-Access
• Common TMS470M/570 Platform Architecture
Port and Boundary Scan
– Consistent Memory Map across the family
• Packages supported
– Real-Time Interrupt Timer (RTI)
– 100-Pin Plastic Quad Flatpack (PZ Suffix)
– Digital Watchdog
– Green/Lead-Free
– Vectored Interrupt Module (VIM)
• Development Tools Available
– Cyclic Redundancy Checker (CRC)
– Development Boards
• Frequency-Modulated Zero-Pin Phase-Locked
– Code Composer Studio™ Integrated
Loop (FMzPLL)-Based Clock Module
Development Environment (IDE)
– Oscillator and PLL clock monitor
– HET Assembler and Simulator
• Up to 51 Peripheral IO pins
– nowFlash™ Flash Programming Tool
– 4 Dedicated GIO - w/ External Interrupts
• Community Resources
– Programmable External Clock (ECLK)
– TI E2E Community
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright
© 2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS470MF06607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470MF06607 TI1-TMS470MF06607 Datasheet
512Kb / 64P
TMS470MF06607 16/32-Bit RISC Flash Microcontroller
TMS470MF06607 TI2-TMS470MF06607 Datasheet
573Kb / 65P
TMS470MF06607 16/32-Bit RISC Flash Microcontroller
JANUARY 2012
More results

Similar Description - TMS470MF06607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
16/32-BIT RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com