Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments TMS470MF06607 Datasheet HTML 13Page - Texas Instruments TMS470MF06607 Datasheet HTML 14Page - Texas Instruments TMS470MF06607 Datasheet HTML 15Page - Texas Instruments TMS470MF06607 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Table 2-7. Flash Memory Banks and Sectors (continued)
SECTOR
MEMORY ARRAYS (OR
SEGMENT
LOW ADDRESS
HIGH ADDRESS
NO.
BANKS)
0
16k
0x0008_0000
0x0008_3FFF
BANK 1(1)
(128K Bytes)
1
16k
0x0008_4000
0x0008_7FFF
2
16k
0x0008_8000
0x0008_BFFF
3
16k
0x0008_C000
0x0008_FFFF
4
64k
0x0009_0000
0x0009_FFFF
(1)
Bank 1 can be used as either EEPROM emulation space or as program space.
2.2
Terminal Functions
The terminal functions table (Table 2-8) identifies the pin names, the associated pin numbers, input
voltage, output voltage, whether the pin has any internal pullup/pulldown resistors and a functional pin
description.
Table 2-8. Terminal Functions
TERMINAL
INPUT
OUTPUT
VOLTAGE(1)
IPU/IPD(4)
DESCRIPTION
100
CURRENT(3)
NAME
(2)
PIN
HIGH-END TIMER (HET)
HET[0]
39
HET[1]
40
HET[2]
49
HET[3]
50
Timer input capture or output compare. The
HET[4]
53
HET[15:0] applicable pins can be programmed as
HET[5]
54
general-purpose input/output (GIO) pins. All are
HET[6]
55
high-resolution pins.
HET[7]
56
The high-resolution (HR) SHARE feature allows even
Adaptive
HR pins to share the next higher odd HR pin
HET[8]
57
Programmable
3.3-V I/O
impedance 4
structures. This HR sharing is independent of whether
IPD (100
µA)
HET[9]
58
mA
or not the odd pin is available externally. If an odd pin
is available externally and shared, then the odd pin
HET[10]
59
can only be used as a general-purpose I/O.
HET[11]
60
NOTE: HET[24] and HET[25] channels are muxed
HET[12]
61
with TDO/TDI pins. During debug, their respective
HET[13]
62
input buffers will reflect the state of TDI and TDO.
HET[14]
63
HET[15]
64
HET[24]
45
HET[25]
46
CAN CONTROLLER 1 (DCAN1)
CAN1STX
7
Adaptive
DCAN1 transmit pin or GIO pin.
Programmable
3.3-V I/O
impedance 4
CAN1SRX
8
DCAN1 receive pin or GIO pin.
IPU (100
µA)
mA
CAN CONTROLLER 2 (DCAN2)
CAN2STX
37
Adaptive
DCAN2 transmit pin or GIO pin
Programmable
3.3-V I/O
impedance 4
CAN2SRX
38
DCAN2 receive pin or GIO pin
IPU (100
µA)
mA
(1)
PWR = power, GND = ground, REF = reference voltage, NC = no connect
(2)
All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
(3)
The TMS470M device utilizes adaptive impedance 4 mA buffers that default to the adaptive impedance mode of operation. As a
fail-safe, the adaptive impedance features of the buffer may be disabled and revert the buffer to a standard buffer mode.
(4)
IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are inactive on input pins when PORRST is asserted)
12
Device Overview
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com