Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments TMS470MF06607 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
RAM (64KB)
SYSTEM Module
Peripherals
PSA
RAM - ECC
RAM - CLR Space
(64KB)
(A)
RAM - SET Space
(64KB)
(A)
0xFFFFFFFF
0xFFF80000
0xFFF7FFFF
0xFF000000
0xFEFFFFFF
0xFE000000
0x0840FFFF
0x08400000
0x0810FFFF
0x08100000
0x0808FFFF
0x08080000
0x0800FFFF
0x08000000
0x0044FFFF
0x0043FFFF
0x00400000
0x0009FFFF
0x0007FFFF
0x00000000
FLASH (512KB - Bank 0)
FLASH - ECC (Bank 1)
FLASH - ECC (Bank 0)
FLASH (128KB - Bank 1)
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
2.1
Memory Map Summary
2.1.1
Memory Map
Figure 2-1 shows the TMS470MF06607 memory map.
A.
The RAM supports bit access operation which allows set/clear to dedicated bits without disturbing the other bits; for
detailed description see the Architecture Specification.
Figure 2-1. TMS470MF06607 Memory Map
2.1.2
Memory Selects
Memories in the TMS470M devices are located at fixed addresses. Table 2-2 through Table 2-6 detail the
mapping of the memory regions.
Table 2-2. TMS470MF06607-Specific Memory Frame Assignment
MEMORY FRAME NAME
START ADDRESS
ENDING ADDRESS
MEMORY TYPE
ACTUAL MEMORY
nCS0(1)
0x0000 0000
0x0009 FFFF
Flash
640K Bytes
RAM-CLR
0x0810 0000
0x0810 FFFF
Internal RAM
64K Bytes
RAM-SET
0x0808 0000
0x0808 FFFF
Internal RAM
64K Bytes
CSRAM0(1)
0x0800 0000
0x0800 FFFF
Internal RAM
64K Bytes
CSRAM0(1)
0x0840 0000
0x0840 FFFF
Internal RAM-ECC
64K Bytes
(1)
Additional address mirroring could be present resulting in invalid but addressable locations beyond those listed above. The device may
generate an abort when accessing the unimplemented memory regions of peripheral memories. TI recommends the use of the MPU for
protecting access to addresses outside the intended range of use.
Copyright
© 2012, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com