Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 4 Page - Texas Instruments

  TMS470MF06607 Datasheet HTML 1Page - Texas Instruments TMS470MF06607 Datasheet HTML 2Page - Texas Instruments TMS470MF06607 Datasheet HTML 3Page - Texas Instruments TMS470MF06607 Datasheet HTML 4Page - Texas Instruments TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
rates of up to 1 megabit per second (Mbps). The DCAN is ideal for applications operating in noisy and
harsh environments (e.g., automotive and industrial fields) that require reliable serial communication or
multiplexed wiring. The MibSPI provides a convenient method of serial interaction for high-speed
communications between similar shift-register type devices. The MibSPI provides the standard SOMI,
SIMO, and SPI clock interface as well as up to eight chip select lines.
The HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The HET can be used for compare, capture, or general-purpose
I/O. It is especially well suited for applications requiring multiple sensor information and drive actuators
with complex and accurate time pulses. The TMS470M HET peripheral contains the XOR-share feature.
This feature allows two adjacent HET high- resolution channels to be XORed together, making it possible
to output smaller pulses than a standard HET.
The TMS470M devices have one 10-bit-resolution, sample-and-hold MibADC. Each of the MibADC
channels can be grouped by software for sequential conversion sequences. There are three separate
groupings, all three of which can be triggered by an external event. Each sequence can be converted
once when triggered or configured for continuous conversion mode.
The frequency-modulated zero-pin phase-locked loop (FMzPLL) clock module contains a phase-locked
loop, a clock-monitor circuit, a clock-enable circuit, and a prescaler. The function of the FMzPLL is to
multiply the external frequency reference to a higher frequency for internal use. The FMzPLL provides the
input to the global clock module (GCM). The GCM module subsequently provides system clock (HCLK),
real-time interrupt clock (RTICLK), CPU clock (GCLK), HET clock (VCLK2), DCAN clock (AVCLK1), and
peripheral interface clock (VCLK) to all other TMS470M device modules.
The TMS470M devices also have an external clock prescaler (ECP) module that when enabled, outputs a
continuous external clock (ECLK). The ECLK frequency is a user-programmable ratio of the peripheral
interface clock (VCLK) frequency.
An error signaling module (ESM) provides a common location within the device for error reporting allowing
efficient error checking and identification.
4
Features
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com