Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 3Page - Texas Instruments TMS470MF06607 Datasheet HTML 4Page - Texas Instruments TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
1
Features
................................................... 1
3.12
Device Identification Code Register
................ 30
1.1
PZ Package View
.................................... 2
3.13
Device Part Numbers
............................... 31
1.2
Description
........................................... 3
4
Device Operating Conditions
....................... 32
4.1
Absolute Maximum Ratings Over Operating
1.3
Functional Block Diagram
............................ 5
Free-Air Temperature Range, Q Version
........... 32
1.4
Terms and Acronyms
................................ 6
4.2
Device Recommended Operating Conditions
...... 32
2
Device Overview
........................................ 8
4.3
Electrical Characteristics Over Recommended
2.1
Memory Map Summary
.............................. 9
Operating Free-Air Temperature Range, Q Version
2.2
Terminal Functions
................................. 12
...................................................... 33
2.3
Device Support
..................................... 16
5
Peripheral Information and Electrical
Specifications
.......................................... 35
3
Device Configuration
................................. 18
5.1
RST and PORRST Timings
........................ 35
3.1
Reset/Abort Sources
............................... 18
5.2
PLL and Clock Specifications
...................... 40
3.2
Lockup Reset Module
.............................. 19
5.3
SPIn Master Mode Timing Parameters
............. 47
3.3
ESM Assignments
.................................. 19
5.4
SPIn Slave Mode Timing Parameters
.............. 51
3.4
Interrupt Priority (M3VIM)
........................... 20
5.5
CAN Controller (DCANn) Mode Timings
........... 55
3.5
MibADC
............................................. 21
5.6
High-End Timer (HET) Timings
..................... 55
3.6
MibSPI
.............................................. 22
5.7
Multi-Buffered A-to-D Converter (MibADC)
......... 56
3.7
JTAG ID
............................................ 23
6
Revision History
....................................... 60
3.8
Scan Chains
........................................ 23
7
Mechanical Data
....................................... 61
3.9
Low-Power Modes
.................................. 23
7.1
Thermal Data
....................................... 61
3.10
Adaptive Impedance 4 mA IO Buffer
............... 23
7.2
Packaging Information
.............................. 61
3.11
Built-In Self Test (BIST) Features
.................. 28
Copyright
© 2012, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com