Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89181 Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 42Page - fujitsu semiconductor MB89181 Datasheet HTML 43Page - fujitsu semiconductor MB89181 Datasheet HTML 44Page - fujitsu semiconductor MB89181 Datasheet HTML 45Page - fujitsu semiconductor MB89181 Datasheet HTML 46Page - fujitsu semiconductor MB89181 Datasheet HTML 47Page - fujitsu semiconductor MB89181 Datasheet HTML 48Page - fujitsu semiconductor MB89181 Datasheet HTML 49Page - fujitsu semiconductor MB89181 Datasheet HTML 50Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
46
MB89180 Series
s MASK OPTIONS
No.
Part number
MB89181/182/183
MB89P185
MB89PV180
Specifying procedure
Specify when
ordering masking
Set with EPROM
programmer
Setting not
possible
1
Pull-up resistors
P00 to P07, P10 to P17
Can be set per pin
(P10 to P17 are
available only when
segment output is not
selected.)
Can be set per pin
(P10 to P17 are
available only when
segment output is not
selected.)
Fixed to without pull-
up resistor
2
Pull-up resistors
P40 to P47, P50 to P57
Can be set per pin
(Available only when
segment output is
not selected.)
Fixed to without pull-
up resistor
3
Pull-up resistors
P20 to P27
Can be set per pin
Fixed to without pull-
up resistor
4
Power-on reset
With power-on reset
Without power-on reset
Selectable
Selectable
Fixed to with power-
on reset
5
Selection of oscillation stabilization
delay time
The initial value of the main clock
oscillation stabilization time is
selectable by bit value of WTM1
and WTM0.
Selectable
WTM1 WTM0
00:
22/FCH
01:
212/FCH
10:
216/FCH
11:
218/FCH
Selectable
WTM1 WTM0
00:
22/FCH
01:
212/FCH
10:
216/FCH
11:
218/FCH
Fixed to oscillation
stabilization time of
216/FCH
6
Main clock oscillation type
Crystal or ceramic oscillator
CR
Selectable
Crystal or ceramic
oscillator
Crystal or ceramic
oscillator
7
Reset pin output
With reset output
Without reset output
Selectable
Selectable
With reset output
8
Clock mode selection
Dual-clock mode
Single-clock mode
Selectable
Selectable
Fixed to dual-clock
mode
9
Segment output selection
32 segments:No port selection
28 segments:Selection of P17 to
P14
24 segments: Selection of P17 to
P10
20 segments:Selection of P17 to
P10,and P57 to P54
16 segments:Selection of P17 to
P10,and P57 to P50
12 segments:Selection of P17 to
P10,P57 to P50, and P47 to P44
8 segments: Selection of P17 to
P10,P57 to P50, and P47 to P40
Selectable
Selects the number
of segments.
-101: 32 segments
-102: 28 segments
-103: 24 segments
-104: 20 segments
-105: 16 segments
-106: 12 segments
-107: 8 segments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com