Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89181 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 23Page - fujitsu semiconductor MB89181 Datasheet HTML 24Page - fujitsu semiconductor MB89181 Datasheet HTML 25Page - fujitsu semiconductor MB89181 Datasheet HTML 26Page - fujitsu semiconductor MB89181 Datasheet HTML 27Page - fujitsu semiconductor MB89181 Datasheet HTML 28Page - fujitsu semiconductor MB89181 Datasheet HTML 29Page - fujitsu semiconductor MB89181 Datasheet HTML 30Page - fujitsu semiconductor MB89181 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
27
MB89180 Series
(Continued)
(VSS = 0.0 V)
Precautions: Permanent device damage may occur if the above “Absolute Maximum Ratings” are exceeded.
Functional operation should be restricted to the conditions as detailed in the operational sections of
this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
2. Recommended Operating Conditions
(VSS = 0.0 V)
*1: The minimum operating power supply voltage varies with the operating frequency and execution time (instruction
cycle).
*2: The liquid-crystal power supply range and optimum value vary depending on the characteristics of the liquid-
crystal display element used.
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
“H” level average output current
IOHAV1
–2
mA
Average value (operating
current
× operating rate)
Except P30 and power supply pins
IOHAV2
–4
mA
Average value (operating
current
× operating rate)
P30
“H” level total output current
∑IOH
–20
mA
“H” level total average output
current
∑IOHAV
–10
mA
Average value (operating
current
× operating rate)
Power consumption
PD
300
mW
Operating temperature
TA
–40
+85
°C
Storage temperature
Tstg
–55
+150
°C
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
2.2*1
6.0
V
Guaranteed normal operation range,
applicable to the mask ROM products
2.7*1
6.0
V
MB89P185/PV180
1.5
6.0
V
RAM data holding assurance range in
stop mode
Power supply voltage for LCD
V1 to V3
VSS
VCC*2
V
V1 to V3 pins
Operating temperature
TA
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com