Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89181 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 15Page - fujitsu semiconductor MB89181 Datasheet HTML 16Page - fujitsu semiconductor MB89181 Datasheet HTML 17Page - fujitsu semiconductor MB89181 Datasheet HTML 18Page - fujitsu semiconductor MB89181 Datasheet HTML 19Page - fujitsu semiconductor MB89181 Datasheet HTML 20Page - fujitsu semiconductor MB89181 Datasheet HTML 21Page - fujitsu semiconductor MB89181 Datasheet HTML 22Page - fujitsu semiconductor MB89181 Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19
MB89180 Series
s BLOCK DIAGRAM
Main clock oscillator
Clock controller
Subclock oscillator
(32.768 kHz)
21-bit time-base timer
External interrupt 2
(wake-up function)
CMOS I/O port
N-ch open-drain output port
(Only P30 for CMOS output port)
F 2MC-8L
RAM
(256
× 8 bits max.)
MODA
V CC
V SS
Other pins
X0
X1
X0A
X1A
RST
P00/INT20
to P07/INT27
ROM
(8 K
× 8 bits max.)
8-bit timer/counter
8-bit serial I/O
Buzzer output
N-ch open-drain I/O port
P26 *2
P21 *2
P25/SCK
P24/SO
P23/SI
P27 *2 /BUZ
P14 to P17
Remote control
transmission output
Reset circuit
CPU
8-bit timer/counter
CMOS I/O port
External interrupt 1
(wake-up function)
N-ch open-drain output port
4
4
4
4
8
4
8
2
3
4
4
4
4
16
8
8
P22/TO
P20/EC
P10/INT10 to
P13/INT13
SEG28 to SEG31 *1
(Also serve as P14 to P17.)
SEG24 to SEG27 *1
(Also serve as P10 to P13.)
SEG0 to SEG7
COM0, COM1
COM2 (Also serves as P31.)
COM3 (Also serves as P32.)
V1 to V3
P57/SEG23 *1
to P54/SEG20 *1
P53/SEG19 *1
to P50/SEG16 *1
P47/SEG15 *1
to P44/SEG12 *1
P43/SEG11 *1
to P40/SEG8 *1
LCD controller/driver
P30/RCO
P31/COM2
P32/COM3
MODA
V CC
V SS
*1: The segment or port function is selected by the mask option.
*2: N-ch open-drain heavy-current drive type
32
× 4 bits
VRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com