Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89181 Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 32Page - fujitsu semiconductor MB89181 Datasheet HTML 33Page - fujitsu semiconductor MB89181 Datasheet HTML 34Page - fujitsu semiconductor MB89181 Datasheet HTML 35Page - fujitsu semiconductor MB89181 Datasheet HTML 36Page - fujitsu semiconductor MB89181 Datasheet HTML 37Page - fujitsu semiconductor MB89181 Datasheet HTML 38Page - fujitsu semiconductor MB89181 Datasheet HTML 39Page - fujitsu semiconductor MB89181 Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
MB89180 Series
s EXAMPLE CHARACTERISTICS
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–2
–4
–6
–8
–10
VCC = 2.0 V
IOH (mA)
VCC = 2.5 V
VCC = 4.0 V
VCC = 3.0 V
VCC = 5.0 V
VCC = 6.0 V
–1
–3
–5
–7
–9
TA = +25
°C
VCC vs. VOH2
vs. IOH
VCC vs. VOH2 (V)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–1
–2
–3
–4
–5
VCC = 2.0 V
IOH (mA)
VCC = 2.5 V
VCC = 4.0 V
VCC = 3.0 V
VCC = 5.0 V
VCC = 6.0 V
TA = +25
°C
VCC vs.VOH1
vs. IOH
VCC vs. VOH1 (V)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4
8
12
16
20
VCC = 2.0 V
IOL (mA)
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 5.0 V
VCC = 6.0 V
2
6
10
14
18
TA = +25
°C
VOL2
vs.IOL
VOL2 (V)
(1) “L” level Output Voltage
(2) “H” level Output Voltage
0
0.6
0.5
0.4
0.3
0.2
0.1
0
IOL (mA)
24
6
8
10
VCC = 2.0 V
VCC = 3.0 V
135
7
9
VCC = 4.0 V
VCC = 5.0 V
VCC = 6.0 V
VCC = 2.5 V
TA = +25
°C
VOL1 (V)
VOL1 vs. IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com