Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89181 Datasheet(PDF) 20 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 20 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 16Page - fujitsu semiconductor MB89181 Datasheet HTML 17Page - fujitsu semiconductor MB89181 Datasheet HTML 18Page - fujitsu semiconductor MB89181 Datasheet HTML 19Page - fujitsu semiconductor MB89181 Datasheet HTML 20Page - fujitsu semiconductor MB89181 Datasheet HTML 21Page - fujitsu semiconductor MB89181 Datasheet HTML 22Page - fujitsu semiconductor MB89181 Datasheet HTML 23Page - fujitsu semiconductor MB89181 Datasheet HTML 24Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
MB89180 Series
s CPU CORE
1. Memory Space
The microcontrollers of the MB89180 series offer a memory space of 64 Kbytes for storing all of I/O, data, and
program areas. The I/O area is located at the lowest address. The data area is provided immediately above the
I/O area. The data area can be divided into register, stack, and direct areas according to the application. The
program area is located at exactly the opposite end, that is, near the highest address. Provide the tables of
interrupt reset vectors and vector call instructions toward the highest address within the program area. The
memory space of the MB89180 series is structured as illustrated below.
Memory Space
0000H
0080H
0100H
0200H
0280H
8000H
MB89PV180
I/O
RAM
512 B
Register
Unused
External ROM
32 KB
0000H
0080H
0100H
0140H
F000H
FFFFH
MB89181
I/O
RAM
128 B
Register
ROM
4 KB
0000H
0080H
0100H
0180H
E800H
FFFFH
MB89182
I/O
Register
ROM
6KB
0000H
0080H
0100H
0180H
E000H
FFFFH
MB89183
I/O
RAM
256 B
RAM
256 B
Register
ROM
8 KB
0000H
0080H
0100H
0180H
C000H
FFFFH
MB89P185
I/O
RAM
256 B
Register
ROM
16 KB
FFFFH
Unused
Unused
Unused
Unused
Unused
00C0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com