Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89181 Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 27Page - fujitsu semiconductor MB89181 Datasheet HTML 28Page - fujitsu semiconductor MB89181 Datasheet HTML 29Page - fujitsu semiconductor MB89181 Datasheet HTML 30Page - fujitsu semiconductor MB89181 Datasheet HTML 31Page - fujitsu semiconductor MB89181 Datasheet HTML 32Page - fujitsu semiconductor MB89181 Datasheet HTML 33Page - fujitsu semiconductor MB89181 Datasheet HTML 34Page - fujitsu semiconductor MB89181 Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
MB89180 Series
4. AC Characteristics
(1) Reset Timing
(VSS = 0.0 V, TA = –40
°C to +85°C)
(2) Power-on Reset
(VSS = 0.0 V, TA = –40
°C to +85°C)
Note: Make sure that power supply rises within the selected oscillation stabilization time.
If power supply voltage needs to be varied in the course of operation, a smooth voltage rise is
recommended.
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
RST “L” pulse width
tZLZH
—
48 tHCYL
—ns
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
Power supply rising time
tR
—
—
50
ms
Power-on reset function only
Power supply cut-off time
tOFF
1
—
ms
Due to repeated operations
0.2 VCC
0.2 VCC
RST
tZLZH
0.2 V
0.2 V
2.0 V
0.2 V
tR
VCC
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com