Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960KB Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
80960KB
6
Figure 4. Multiple Register Sets Are Stored On-Chip
REGISTER
CACHE
ONE OF FOUR
LOCAL
REGISTER SETS
LOCAL REGISTER SET
R15
R0
31
0
1.1.7
Floating-Point Arithmetic
In the 80960KB, floating-point arithmetic has been
made an integral part of the architecture. Having the
floating-point unit integrated on-chip provides two
advantages. First, it improves the performance of the
chip
for
floating-point
applications,
since
no
additional
bus
overhead
is
associated
with
floating-point calculations, thereby leaving more time
for other bus operations such as I/O. Second, the
cost of using floating-point operations is reduced
because
a
separate
coprocessor
chip
is
not
required.
The 80960KB floating-point (real-number) data types
include single-precision (32-bit), double-precision
(64-bit) and extended precision (80-bit) floating-point
numbers. Any registers may be used to execute
floating-point operations.
The processor provides hardware support for both
mandatory and recommended portions of IEEE
Standard 754 for floating-point arithmetic, including
all arithmetic, exponential, logarithmic and other
transcendental functions. Table 3 shows execution
times for some representative instructions.
1.1.8
High Bandwidth Local Bus
The 80960KB CPU resides on a high-bandwidth
address/data bus known as the local bus (L-Bus).
The L-Bus provides a direct communication path
between the processor and the memory and I/O
subsystem interfaces. The processor uses the L-Bus
to
fetch
instructions,
manipulate
memory
and
respond to interrupts. L-Bus features include:
• 32-bit multiplexed address/data path
• Four-word burst capability which allows transfers
from 1 to 16 bytes at a time
• High bandwidth reads and writes with
66.7 MBytes/s burst (at 25 MHz)
Table 4 defines L-bus signal names and functions;
Table 5 defines other component-support signals
such as interrupt lines.
Table 3. Sample Floating-Point Execution Times
(µs) at 25 MHz
Function
32-Bit
64-Bit
Add
0.4
0.5
Subtract
0.4
0.5
Multiply
0.7
1.3
Divide
1.3
2.9
Square Root
3.7
3.9
Arctangent
10.1
13.1
Exponent
11.3
12.5
Sine
15.2
16.6
Cosine
15.2
16.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com