Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960KB Datasheet(PDF) 19 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 19 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation 80960KB Datasheet HTML 21Page - Intel Corporation 80960KB Datasheet HTML 22Page - Intel Corporation 80960KB Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
80960KB
13
Figure 9. Typical Current vs. Frequency (Hot Temp)
OPERATING FREQUENCY (MHz)
@4.5V
@5.0V
@5.5V
TEMP = +22°C
380
360
340
320
300
280
260
240
220
200
180
16
20
25
160
Figure 10. Worst-Case Voltage vs. Output
Current on Open-Drain Pins
Figure 11. Capacitive Derating Curve
2.5
Test Load Circuit
Figure 12 illustrates the load circuit used to test the
80960KB’s three-state pins; Figure 13 shows the
load circuit used to test the open drain outputs. The
open drain test uses an active load circuit in the form
01020304050
0.8
0.6
0.4
0.2
0.0
OUTPUT LOW CURRENT(mA)
(TEMP = +85°C, VCC = 4.5V)
020406080100
30
25
20
15
10
CAPACITIVE LOAD(pF)
(TEMP = +85°C, VCC = 4.5V)
5
0
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com