Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960KB Datasheet(PDF) 17 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation 80960KB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
80960KB
11
Low inductance capacitors and interconnects are
recommended for best high frequency electrical
performance. Inductance is reduced by shortening
board traces between the processor and decoupling
capacitors as much as possible.
2.3
Connection Recommendations
For reliable operation, always connect unused inputs
to an appropriate signal level. In particular, if one or
more interrupt lines are not used, they should be
pulled up. No inputs should ever be left floating.
All open-drain outputs require a pullup device. While
in most cases a simple pullup resistor is adequate, a
network of pullup and pulldown resistors biased to a
valid VIH (>3.0 V) and terminated in the characteristic
impedance of the circuit board is recommended to
limit noise and AC power consumption. Figure 5 and
Figure 6 show recommended values for the resistor
network for low and high current drive, assuming a
characteristic impedance of 100
Ω. Terminating
output signals in this fashion limits signal swing and
reduces AC power consumption.
NOTE: Do not connect external logic to pins marked
N.C.
Figure 5. Connection Recommendations
for Low Current Drive Network
Figure 6. Connection Recommendations
for High Current Drive Network
2.4
Characteristic Curves
Figure 7 shows typical supply current requirements
over
the
operating
temperature
range
of
the
processor at supply voltage (VCC) of 5 V. Figure 8
and Figure 9 show the typical power supply current
(ICC) that the 80960KB requires at various operating
frequencies when measured at three input voltage
(VCC) levels and two temperatures.
For a given output current (IOL) the curve in Figure
10 shows the worst case output low voltage (VOL).
Figure 11 shows the typical capacitive derating
curve for the 80960KB measured from 1.5V on the
system clock (CLK) to 1.5V on the falling edge and
1.5V on the rising edge of the L-Bus address/data
(LAD) signals.
220
330
Low Drive Network:
VOH = 3.0 V
IOL = 20.7 mA
VCC
OPEN-DRAIN OUTPUT
OPEN-DRAIN OUTPUT
180
390
High Drive Network:
VOH = 3.4 V
IOL = 25.3 mA
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com