Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960KB Datasheet(PDF) 23 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation 80960KB Datasheet HTML 21Page - Intel Corporation 80960KB Datasheet HTML 22Page - Intel Corporation 80960KB Datasheet HTML 23Page - Intel Corporation 80960KB Datasheet HTML 24Page - Intel Corporation 80960KB Datasheet HTML 25Page - Intel Corporation 80960KB Datasheet HTML 26Page - Intel Corporation 80960KB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
80960KB
17
2.8.1
AC Specification Tables
1. Clock rise and fall times are not tested.
2. A float condition occurs when the maximum output current becomes less than ILO. Float delay is not tested; however, it
should not be longer than the valid delay.
3. LAD31:0, BADAC, HOLD, LOCK and READY are synchronous inputs. IAC/INT0, INT1, INT2/INTR and INT3 may be syn-
chronous or asynchronous.
Table 7. 80960KB AC Characteristics (16 MHz)
Symbol
Parameter
Min
Max
Units
Notes
Input Clock
T1
Processor Clock Period (CLK2)
31.25
125
ns
VIN = 1.5V
T2
Processor Clock Low Time (CLK2)
8
ns
VIL = 10% Point = 1.2V
T3
Processor Clock High Time (CLK2)
8
ns
VIH = 90% Point = 0.1V + 0.5 VCC
T4
Processor Clock Fall Time (CLK2)
10
ns
VIN = 90% Point to 10% Point (1)
T5
Processor Clock Rise Time (CLK2)
10
ns
VIN = 10% Point to 90% Point (1)
Synchronous Outputs
T6
Output Valid Delay
2
25
ns
T6H
HLDA Output Valid Delay
4
28
ns
T7
ALE Width
15
ns
T8
ALE Output Valid Delay
2
18
ns
T9
Output Float Delay
2
20
ns
(2)
T9H
HLDA Output Float Delay
4
20
ns
(2)
Synchronous Inputs
T10
Input Setup 1
3
ns
(3)
T11
Input Hold
5
ns
(3)
T11H
HOLD Input Hold
4
ns
(3)
T12
Input Setup 2
8
ns
(3)
T13
Setup to ALE Inactive
10
ns
T14
Hold after ALE Inactive
8
ns
T15
Reset Hold
3
ns
(3)
T16
Reset Setup
5
ns
(3)
T17
Reset Width
1281
ns
41 CLK2 Periods Minimum
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com