Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960KB Datasheet(PDF) 34 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 34 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 30Page - Intel Corporation 80960KB Datasheet HTML 31Page - Intel Corporation 80960KB Datasheet HTML 32Page - Intel Corporation 80960KB Datasheet HTML 33Page - Intel Corporation 80960KB Datasheet HTML 34Page - Intel Corporation 80960KB Datasheet HTML 35Page - Intel Corporation 80960KB Datasheet HTML 36Page - Intel Corporation 80960KB Datasheet HTML 37Page - Intel Corporation 80960KB Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
80960KB
28
NOTE:
Do not connect any external logic to any pins marked N.C.
Table 13. 80960KB PQFP Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
ADS
132
LAD15
117
N.C.
49
VCC
41
ALE
2LAD16
118
N.C.
50
VCC
55
BADAC
129
LAD17
119
N.C.
51
VCC
56
BE0
14
LAD18
120
N.C.
54
VCC
70
BE1
15
LAD19
121
N.C.
58
VCC
71
BE2
16
LAD20
122
N.C.
59
VCC
74
BE3
17
LAD21
123
N.C.
60
VCC
82
CACHE
10
LAD22
124
N.C.
61
VCC
83
CLK2
91
LAD23
126
N.C.
62
VCC
92
DEN
21
LAD24
127
N.C.
63
VSS
9
DT/R
13
LAD25
128
N.C.
64
VSS
19
FAILURE
18
LAD26
3N.C.
65VSS
22
HLDA
1
LAD27
4N.C.
66VSS
23
HOLD
130
LAD28
5N.C.
69VSS
26
IAC/INT0
85
LAD29
6N.C.
72VSS
27
INT1
86
LAD30
7N.C.
75VSS
32
INT2/INTR
87
LAD31
8N.C.
76VSS
33
INT3/INTA
88
LOCK
20
N.C.
77
VSS
42
LAD0
100N.C.
24N.C.
78
VSS
52
LAD1
101N.C.
25N.C.
81
VSS
53
LAD2
102N.C.
28N.C.
89
VSS
57
LAD3
104N.C.
31N.C.
94
VSS
67
LAD4
105N.C.
34N.C.
95
VSS
68
LAD5
106N.C.
37N.C.
96
VSS
73
LAD6
107N.C.
38N.C.
97
VSS
79
LAD7
108N.C.
39N.C.
98
VSS
80
LAD8
109N.C.
40N.C.
131
VSS
84
LAD9
110
N.C.
43
READY
12
VSS
90
LAD10
111
N.C.
44
RESET
93
VSS
99
LAD11
112
N.C.
45
VCC
29
VSS
103
LAD12
113
N.C.
46
VCC
30
VSS
114
LAD13
115
N.C.
47
VCC
35
VSS
125
LAD14
116
N.C.
48
VCC
36
W/R
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com