Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960KB Datasheet(PDF) 4 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 4 Page - Intel Corporation

  80960KB Datasheet HTML 1Page - Intel Corporation 80960KB Datasheet HTML 2Page - Intel Corporation 80960KB Datasheet HTML 3Page - Intel Corporation 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
iv
Contents
FIGURES
Figure 1.
80960KA Programming Environment ........................................................................................ 1
Figure 2.
Instruction Formats .................................................................................................................... 4
Figure 3.
Multiple Register Sets Are Stored On-Chip ............................................................................... 6
Figure 4.
Connection Recommendations for Low Current Drive Network .............................................. 11
Figure 5.
Connection Recommendations for High Current Drive Network .............................................. 11
Figure 6.
Typical Supply Current vs. Case Temperature ......................................................................... 12
Figure 7.
Typical Current vs. Frequency (Room Temp) .......................................................................... 12
Figure 8.
Typical Current vs. Frequency (Hot Temp) ..............................................................................13
Figure 9.
Worst-Case Voltage vs. Output Current on Open-Drain Pins .................................................. 13
Figure 10.
Capacitive Derating Curve ....................................................................................................... 13
Figure 11.
Test Load Circuit for Three-State Output Pins ......................................................................... 14
Figure 12.
Test Load Circuit for Open-Drain Output Pins .......................................................................... 14
Figure 13.
Drive Levels and Timing Relationships for 80960KA Signals .................................................. 16
Figure 14.
Processor Clock Pulse (CLK2) ........................................................................................ ........ 20
Figure 15.
RESET Signal Timing ................................................................................................. ............. 20
Figure 16.
132-Lead Pin-Grid Array (PGA) Package ............................................................................... .21
Figure 17.
80960KA PGA Pinout—View from Bottom (Pins Facing Up) ................................................... 22
Figure 18.
80960KA PGA Pinout—View from Top (Pins Facing Down) .................................................... 23
Figure 19.
80960KA 132-Lead Plastic Quad Flat-Pack (PQFP) Package ................................................ 23
Figure 20.
PQFP Pinout - View From Top ................................................................................................. 24
Figure 21.
HOLD Timing ........................................................................................................................... 30
Figure 22.
16 MHz Maximum Allowable Ambient Temperature ................................................................ 31
Figure 23.
20 MHz Maximum Allowable Ambient Temperature ................................................................ 31
Figure 24.
25 MHz Maximum Allowable Ambient Temperature ................................................................ 32
Figure 25.
Maximum Allowable Ambient Temperature
for the Extended Temperature 80960KA at 20 MHz in PGA Package ...................................... 32
Figure 27.
Burst Read and Write Transaction Without Wait States ........................................................... 34
Figure 28.
Burst Write Transaction with 2, 1, 1, 1 Wait States ..................................................................35
Figure 29.
Accesses Generated by Quad Word Read Bus Request,
Misaligned Two Bytes from Quad Word Boundary (1, 0, 0, 0 Wait States) .............................. 36
Figure 30.
Interrupt Acknowledge Transaction ......................................................................................... 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com