Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14872 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14872 Datasheet HTML 3Page - Maxim Integrated Products MAX14872 Datasheet HTML 4Page - Maxim Integrated Products MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products MAX14872 Datasheet HTML 10Page - Maxim Integrated Products MAX14872 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(VDD = 12V, TA = +25°C, unless otherwise noted.)
0
2
4
6
8
10
12
-45 -30 -15
0
15 30 45 60 75 90
TEMPERATURE (oC)
SHUTDOWN SUPPLYCURRENT
vs.TEMPERATURE
toc04
VDD = 4.5V
VDD = 36V
VDD = 24V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
1000
2000
3000
LOAD CURRENT (mA)
HIGH-SIDE ON-RESISTANCE
vs. LOAD CURRENT
toc01
VDD = 4.5V
VDD = 36V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
LOAD CURRENT (A)
HIGH-SIDE M1/M2 BODY DIODE
FORWARD-VOLTAGEvs.LOAD
toc07
TA = 25°C
TA = 85°C
TA = -40°C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1000
2000
3000
LOAD CURRENT (mA)
LOW-SIDE ON-RESISTANCE
vs. LOAD CURRENT
toc02
VDD= 4.5V
VDD= 36V
0
5
10
15
20
25
30
35
40
45
50
55
100 150 200 250 300 350 400 450 500
COFF (pF)
OFF-TIMEvs COFF CAPACITANCE
toc08
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5 10 15 20 25 30 35 40 45 50
DATA RATE (kHz)
SUPPLYCURRENT
vs.SWITCHING RATE
toc05
VDD = 5V
VDD = 36V
CL = 10pF on M1/M2
VDD = 24V
VDD = 12V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
LOAD CURRENT (A)
LOW-SIDE M1/M2 BODY DIODE
FORWARD-VOLTAGEvs.LOAD
toc06
TA = 25°C
TA = 85°C
TA = -40°C
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com