Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14872 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products MAX14872 Datasheet HTML 10Page - Maxim Integrated Products MAX14872 Datasheet HTML 11Page - Maxim Integrated Products MAX14872 Datasheet HTML 12Page - Maxim Integrated Products MAX14872 Datasheet HTML 13Page - Maxim Integrated Products MAX14872 Datasheet HTML 14Page - Maxim Integrated Products MAX14872 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
where IM is the motor current and RON is the on-resis-
tance of the high and low-side FETs.
PSW is the power generated by the driver during the rise/
fall times in switching and includes both arms of the bridge.
Calculate PSW using the following equation:
PSW = IM x 2 x VDS
= IM x 2 x (1/2 x VDD x fSW x tR)
where IM is the motor current, tR is the 200ns (typ) rise
or fall time of the driver output, and fSW is the switching
frequency.
The internal diodes dissipate power during switching, as
well. Calculate the power dissipated in the diodes as:
PD = IM x 2 x VBF x tDEAD x fSW
Operation Without Current Regulation
To operate the MAX14870/MAX14872 without internal or
external current regulation, connect SNS directly to GND.
No sense resistor is required for this configuration.
Operation with External Current Regulation
The motor current can be controlled by external PWM
regulation using sense resistor feedback in a control loop.
To disable the internal current regulation circuitry of the
MAX14870/MAX14872 and use external regulation, con-
nect SNS directly to ground.
Note that, if fast decay control is used, the COM voltage
pulses negatively when the H-bridge direction is inverted.
Use of external capacitors
Maxim does not recommend using external capacitors
across the motor terminals. Added capacitance between
H-bridge outputs increases the power dissipated in the
H-bridge by:
PD = VDD2 x C x fSW
where C is the capacitance across M1/M2 and fSW is
the M1/M2 switching frequency. This power is dissipated
without good reason.
Figure 5. Operation with External Current Regulation
VUVLO
DRIVER
VDD
SNS
PWM+
DIR+
MAX14870
MAX14872
GND
COM
M1
M2
EN
FAULT
DRIVER
VDD
VDD
CURRENT
REGULATION
RSENSE
µ
C
IRQ
PWM
GPO
ADC
9V
3.3V
3.3V
M
A
+ These pin names are for the MAX14870. On the MAX14872, these are the FWD and REV inputs.
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com