Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14872 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14872 Datasheet HTML 1Page - Maxim Integrated Products MAX14872 Datasheet HTML 2Page - Maxim Integrated Products MAX14872 Datasheet HTML 3Page - Maxim Integrated Products MAX14872 Datasheet HTML 4Page - Maxim Integrated Products MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX14870/MAX14872 motor drivers provide a small,
low-power and simple solution for driving and controlling
brushed DC motors and relays with voltages between
4.5V and 36V. Very low driver on-resistance reduces
power dissipation.
These drivers feature a charge-pump-less design for
reduced external components and low supply current.
Integrated fast-decay current regulation allows user-
adjustable peak startup motor currents and requires mini-
mal external components.
A separate voltage-sense input (SNS) reduces current
sensing errors due to parasitic trace resistance.
The MAX14870/MAX14872 features shoot-through protec-
tion and internal free-wheeling diodes that absorb inductive
motor currents. Driver outputs are short-circuit-protected
from shorts to ground, to the supply, and between M1 and
M2. An active-low FAULT output signals thermal overload
and overcurrents during fault conditions.
The MAX14870 has PWM and direction-control inputs,
while the MAX14872 has forward and reverse inputs for
direction control. See the Function Tables.
The MAX14870/MAX14872 are available in a 12-pin
(3mm x 3mm) TDFN-EP package and operate over the
-40°C to +85°C temperature range.
Benefits and Features
● Small Package Handles High Power and Reduces
Footprint Circuit Size
• Up to 2.5A Peak Motor Current
• Space-Saving TDFN-EP (3mm x 3mm) Package
• Flexible 4.5V–36V Supply Enables Longer Runtime
on Batteries
● Low Power Consumption Runs Cooler and Longer
• 280mW (typ) Total Bridge On-Resistance
• 1mA (typ) Supply Current at 30kHz/24V
• 10µA (max) Standby Current at 12V
● Simplified Designs Reduces Time to Market
• Charge-Pump-Less Architecture
• Current Regulation Only Requires a Sense Resistor
• Current-Sense Input Simplifies PCB Layout
● Integrated Protection Provides Robust Driving Solution
• Short-Circuit-Protected Drivers
• Thermal-Shutdown Undervoltage Lockout
• Diagnostic FAULT Output
• -40°C to +85°C Temperature Range
Applications
● Printers and Scanners
● Relay Drivers
● Vending and Gaming Machines
Ordering Information appears at end of data sheet.
19-7062; Rev 0; 9/14
DRIVER
VDD
SNS
PWM+
DIR+
MAX14870
MAX14872
GND
COM
M1
M2
EN
FAULT
DRIVER
VDD
VDD
CURRENT
REGULATION
RSENSE
µC
IRQ
PWM
GPO
24V
3.3V
3.3V
M
+ THESE PIN NAMES ARE FOR THE MAX14870. ON THE MAX14872, THESE ARE THE FWD AND REV INPUTS.
Typical Application Circuit
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14872

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14872 MAXIM-MAX14872 Datasheet
414Kb / 7P
Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX14872ETC+ MAXIM-MAX14872ETC+ Datasheet
430Kb / 15P
Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
More results

Similar Description - MAX14872

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2953 ALLEGRO-2953 Datasheet
565Kb / 7P
FULL-BRIDGE PWM MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
DMOS Full-Bridge Motor Drivers
logo
Maxim Integrated Produc...
MAX14870 MAXIM-MAX14870_15 Datasheet
442Kb / 15P
Compact 4.5V to 36V Full-Bridge DC Motor Drivers
Rev 0; 9/14
logo
Texas Instruments
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
DMOS Full-Bridge Motor Drivers
logo
Maxim Integrated Produc...
MAX14870 MAXIM-MAX14870_V01 Datasheet
430Kb / 15P
Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com