Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14872 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14872 Datasheet HTML 1Page - Maxim Integrated Products MAX14872 Datasheet HTML 2Page - Maxim Integrated Products MAX14872 Datasheet HTML 3Page - Maxim Integrated Products MAX14872 Datasheet HTML 4Page - Maxim Integrated Products MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
(All voltages referenced to GND)
VDD........................................................................-0.3V to +40V
M1, M2 ....................................................... -0.3V to (VDD+0.3V)
PWM, DIR, FWD, REV, FAULT, EN, SNS .................. -0.3V to +6.0V
COM .....................................................................-0.3V to +0.3V
Continuous Current Into M1, M2 ..........................................±3A
Continuous Power Dissipation (TA = +70°C)
Single-Layer Board (derate at 15.9mW/°C
above +70°C)..........................................................1270mW
Multi-Layer Board (derate at 24.4mW/°C
above +70°C)..........................................................1951mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150ºC
Storage Temperature Range.............................-65ºC to +150°C
Lead Temperature (Soldering, 10s) ................................+300°C
Solder Temperature (Reflow) .........................................+260°C
Junction-to-Case Thermal Resistance (θJC)
TDFN-EP (Single-Layer Board)..................................8.5°C/W
TDFN-EP (Multi-Layer Board) ....................................8.5°C/W
Junction-to-Ambient Thermal Resistance (θJA)
TDFN-EP (Single-Layer Board)...................................63°C/W
TDFN-EP (Multi-Layer Board) .....................................41°C/W
(Note 1)
(VDD = 4.5V to 36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 12V, TA = +25°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDD
4.5
36
V
Supply Current
IDD
EN = low, M1/M2
not connected
fPWM/FWD =
50kHz
1
mA
No switching
0.5
1.2
Shutdown Supply Current
ISHDN
EN = high, driver
is in shutdown
VDD = 12V
3.7
10
μA
VDD = 36V
10
20
Undervoltage Lockout
Threshold
VUVLO
VDD rising
3.3
3.8
4.3
V
Undervoltage Lockout
Threshold Hysteresis
VUVLO_HYST
400
mV
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com