Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14872 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14872 Datasheet HTML 1Page - Maxim Integrated Products MAX14872 Datasheet HTML 2Page - Maxim Integrated Products MAX14872 Datasheet HTML 3Page - Maxim Integrated Products MAX14872 Datasheet HTML 4Page - Maxim Integrated Products MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(VDD = 4.5V to 36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 12V, TA = +25°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER (M1, M2)
Driver Output Resistance
(High-Side + Low-Side)
RON
IM_ = 2.5A
TJ = 25°C
280
395
mΩ
TJ = 125°C
410
580
Driver Overload Current Limit
IM_OL
3
A
M1, M2 Leakage Current
IM_LKG
EN = High, VM1 = VM2 = 0V or VDD
-1
+1
μA
M1, M2 Body Diode
Forward-Voltage
VBF
Low-side diode, EN = High, IF = 2.5A
1.5
V
High-side diode, EN = High, IF = 2.5A
1.5
CURRENT REGULATION (SNS, COM)
SNS Current Sense Threshold
VSNS_TH
VSNS rising (Note 3)
94
100
110
mV
SNS Input Leakage Current
ISNS_LKG
VSNS = ±250mV
-1
+1
μA
COM Leakage Current
ICOM_LKG
EN = High, VCOM = ±250mV
-1
+1
μA
LOGIC SIGNALS (PWM, DIR, FWD, REV, EN, FAULT)
Input Logic-High Voltage
VIH
FWD, REV, PWM, DIR
2
V
Input Logic-Low Voltage
VIL
FWD, REV, PWM, DIR
0.8
V
EN Input Logic-High Voltage
VEN_IH
1.6
EN Input Logic-Low Voltage
VEN_IL
0.4
Input Leakage Current
IIL
PWM, DIR, FWD, REV, EN,
VINPUT = 5.5V or 0V
-1
+1
μA
FAULT Output Low Voltage
VOL
FAULT asserted, ISINK = 5mA
0.5
V
FAULT Off Leakage Current
IF_LKG
FAULT deasserted, VFAULT = 5.5V
-1
+1
μA
PROTECTION
Thermal-Shutdown Threshold
TSHDN
Temperature rising, FAULT asserted
+160
°C
Thermal-Shutdown Hysteresis
TSHDN_HYST
10
°C
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com