Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14872 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14872 Datasheet HTML 1Page - Maxim Integrated Products MAX14872 Datasheet HTML 2Page - Maxim Integrated Products MAX14872 Datasheet HTML 3Page - Maxim Integrated Products MAX14872 Datasheet HTML 4Page - Maxim Integrated Products MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(VDD = 4.5V to 36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 12V, TA = +25°C) (Note 2)
Note 2: All units are production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: VSNS_TH is the threshold voltage to turn on current regulation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Frequency
fSW
EN = Low
MAX14870,
switching signal
applied at PWM
50
kHz
MAX14872,
switching signal
applied at FWD
or REV
50
Dead Time
tDEAD
140
ns
M1, M2 Slew Rate
SR
200
V/μs
M1, M2 High-Side Propagation
Delay
tPR
RL = 1kΩ, CL = 50pF,
PWM/FWD/DIR/REV rising, Figure 1
620
ns
M1, M2 Low-Side Propagation
Delay
tPF
RL = 1kΩ, CL = 50pF,
PWM/FWD/DIR/REV falling, Figure 1
583
ns
Current Regulation Fixed
Off-Time
tOFF
PWM/FWD = High, EN = Low,
VSNS > VSNS_TH
7.8
15
22
μs
Current Regulation Minimum
On-Time
tCR_BL
PWM/FWD = High, EN = Low,
VSNS > VSNS_TH
2.5
μs
Overcurrent Blanking Time
tOC_BL
M1/M2 is shorted to VDD or GND,
Figure 2
1
μs
Overcurrent Autoretry Timeout
tOC_TO
PWM/FWD = High, EN = Low,
IM or IM2 > IM_OL, Figure 2
2
ms
Enable Turn-on Delay
tEN_ON
PWM/FWD = High, RL = 1kΩ,
CL = 50pF, EN falling,
M1/M2 rising to 10%, Figure 3
23
μs
Enable Turn-off Delay
tEN_OFF
PWM/FWD = High, RL = 1kΩ,
CL = 50pF, EN rising,
M1/M2 falling to 90%, Figure 3
50
μs
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 4
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com