Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q563 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
5. PDWN command
command
0
0
1
0
0
0
0
0
The PDWN command is used to shift the ML22Q573/ML2257X from a command waiting state to the power
down state.
However, since every setting will be initialized after entering the power down state, initial settings
need to be set after power-up.
This command is invalid during playback.
To resume playback after the ML22Q573/ML2257X has shifted to the power down state, first input the PUP and
AMODE commands and then input the PLAY command.
CSB
Status
Command is being
processed
Power down
SCK
SI
NCR
BUSYB
Awaiting command
XT
•XTB
Oscillating
Oscillation
stopped
CBUSYB
(internal)
(internal)
Oscillation stops after a lapse of command processing time after the PDWN command is input.
The regulator
stops operation after a lapse of command processing time after the PDWN command is input.
At this time, the
SPM output of the speaker amplifier goes into a Hi-Z state to prevent generation of pop noise.
Initial stauts at reset input and status during power down
The status of each output pin is as follows:
Analog output pin
State
VDDL
DGND
VDDR
DGND
SG
DGND
SPM
Hi-Z
SPP
DGND
36/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com