Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q563 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
ABSOLUTE MAXIMUM RATINGS
DGND = SPGND = 0 V, Ta = 25
°C
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
DVDD
SPVDD
—
−0.3 to +7.0
V
Input voltage
VIN
—
−0.3 to DVDD+0.3
V
Power dissipation
PD
When the LSI is mounted on
JEDEC 4-layer board.
When SPVDD = 5V
1000
mW
Applies to all pins except
SPM, SPP, VDDL, and VDDR.
10
mA
Applies to SPM and SPP pins.
500
mA
Output short-circuit current
IOS
Applies to VDDL and VDDR pins.
50
mA
Storage temperature
TSTG
—
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
DGND = SPGND = 0 V
Parameter
Symbol
Condition
Range
Unit
DVDD, SPVDD
Power supply voltage
DVDD
SPVDD
—
2.7 to 5.5
V
Operating temperature
Top
—
−40 to +105
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz
FLASH Conditions
DGND = SPGND = 0 V
Parameter
Symbol
Condition
Range
Unit
At write/erase
0 to +70
°C
Operating temperature
TOP
At read
−40 to +105
°C
Maximum rewrite count
CEP
―
10
times
Data retention period
YDR
―
10
years
7/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com