Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q563 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
11. SLOOP command
command
1
0
0
0
CH3
CH2
CH1
CH0
The SLOOP command is used to set repeat playback mode.
The command can be input for each channel.
The SLOOP command allows specifying multiple channels at one time.
Setting any bit(s) from CH0 to CH3 to
“1” repeats playback on the corresponding channel(s). Input the SLOOP command with each NCR set to a ”H”
level.
Channel settings
Channel
CH0
Setting this bit to “1” repeats playback on channel 0.
CH1
Setting this bit to “1” repeats playback on channel 1.
CH2
Setting this bit to “1” repeats playback on channel 2.
CH3
Setting this bit to “1” repeats playback on channel 3.
Be sure to set the channel setting bits( CH0-CH3).
Once repeat playback mode is set, the current phrase is repeatedly played until the repeat playback setting is
released by the SLOOP command or until playback is stopped by the STOP command.
In the case of a phrase
that was edited using the edit function, the edited phrase is repeatedly played.
Following shows the SLOOP
command input timing.
CSB
SCK
SI
NCR
BUSYB
SPM
1/2VDD
SPP
1/2VDD
t
cm
CBUSYB
(internal)
(internal)
PLAY command
2nd byte
SLOOP command
CLOOP command
Status
Playing
Address is being controlled
Awaiting command
Awaiting command
Playing
Address is being controlled
Command is being processed
Effective Range of SLOOP Command Input
The SLOOP command is only enabled during playback. After the PLAY command is input, input the SLOOP
command within 10 ms (tcm) after the NCR signal on the target channel goes “H”.
This will enable the SLOOP
command, so that repeat playback will be carried out.
The NCR signal remains “L” during repeat playback
mode.
44/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com