Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q563 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 50Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 51Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 52Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
16. SAFE command
command
1
1
0
1
0
0
0
0
TM2
TM1
TM0
TSD1
TSD0
BLD2
BLD1
BLD0
The SAFE command is sets the settings for the low-voltage detection and temperature detection functions.
The BLD2–0 bits are used to set the power supply voltage detection level.
The judgment voltage can be
selected from among six levels from 2.7 to 4.0 V.
The power supply voltage is monitored each time it reaches
the value set by TM2–0, and if the power supply voltage reaches or falls below the set detection voltage two
times or more, the ERR pin outputs a ”H” level and the RDSTAT command’s BLDERR bit is set to ”1”.
If the ERR pin is set to a ”H” level, check the error contents using the RDSTAT command.
If the BLDERR bit
is at ”1”, it is possibly a power supply related failure.
BLD2
BLD1
BLD0
Judgment power supply voltage
0
0
0
OFF
0
0
1
2.7V
±5% (initial value)
0
1
0
3.0V
±5%
0
1
1
3.3V
±5%
1
0
0
3.6V
±5%
1
0
1
4.0V
±5%
1
1
0
(4.0V
±5%)
1
1
1
(4.0V
±5%)
The TSD1–0 bits are used to set the temperature detection level.
Tj=140
°C or OFF can be selected as the
judgment temperature.
The temperature is monitored each time it reaches the value set by TM2–0, and if the
temperature
reaches or exceeds the set value two times or more, the ERR pin outputs a ”H” level and the
RDSTAT command’s TSDERR bit is set to ”1”.
If the ERR pin is set to a ”H” level, check the error contents using the RDSTAT command.
If the TSDERR bit
is at ”1”, reduce the volume using the AVOL command or put the analog section into the power down state
using the AMODE command.
TSD1
TSD0
Judgment temperature (Tj)
0
0
OFF
0
1
Setting prohibited
1
0
Setting prohibited
1
1
140
±10°C (initial valle,)
The TM2–0 bits are used to set the monitor interval to detect a low voltage or temperature.
TM2
TM1
TM0
Monitor interval
0
0
0
Constantly monitors
0
0
1
2 ms (initial value)
0
1
0
4 ms
0
1
1
8 ms
1
0
0
16 ms
1
0
1
32 ms
1
1
0
64 ms
1
1
1
128 ms
49/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com