Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R081 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
MicroSmart Series
26
Programmable Logic Controllers
All-in-One
Part Number
FC5A-C10R2
FC5A-C10R2C
FC5A-C16R2
FC5A-C16R2C
FC5A-C24R2
FC5A-C24R2C
FC4A-C10R2
FC4A-C10R2C
FC4A-C16R2
FC4A-C16R2C
FC4A-C24R2
FC4A-C24R2C
Control System
Stored program system
Instruction Words
35 basic
76 advanced
76 advanced
81 advanced
38 advanced
40 advanced
46 advanced
Program Capacity 1
13.8 KB (2,300 steps)
27 KB (4,500 steps)
54 KB (9,000 steps)
4.8 KB (800 steps)
15 KB (2,500 steps)
27 KB (4,500 steps)
User Program Storage
EEPROM (10,000 times rewritable)
Processing
Time
Basic Instruction
1.16ms (1,000 steps)
1.65ms (1,000 steps)
END Processing 2
0.64ms
0.64ms
Expandable I/O Module
4 modules
4 modules
I/O Points
Input
6
9
14
Expansion:
64
6914
Expan-
sion: 64
Output
4
7
10
4
7
10
Internal Relay
2,048 points
256 points
1,024 points
Shift Register
128 points
64 points
128 points
Data Register
2,000 points
400 points
1,300 points
Extra Data Register
——
Counter
256 points
32 points
100 points
Timer (1-sec, 100-ms, 10-ms, 1-ms)
256 points
32 points
100 points
Backup Data
Internal relay, shift register, counter, data register
Backup Duration
Approx. 30 days (typical) at 25ºC after backup battery fully charged
Battery
Lithium secondary battery
Charging Time
Approx. 15 hours for charging from 0% to 90% of full charge
Battery Life
5 years
Replaceability
N/A
Self-diagnostic Function
Power failure, watchdog timer, data link connection, user program EPPROM sum check, timer/counter preset value sum check, user program
RAM sum check, keep data, user program syntax, user program writing, CPU module, clock IC, I/O bus initialize, user program execution
Input Filter
Without filter or 3 to 15ms filter (selectable in increments of 1ms)
Catch Input/Interrupt Input
Four inputs (I2 through I5)
Minimum turn on pulse width: 40μs minimum
Minimum turn off pulse width: 150μs minimum
Maximum Counting
Frequency and High-speed
Counter Points
Total 4 points
Single/two-phase selectable: 50KHz (1 point)
Single-phase: 5KHz (3 points)
Total 4 points
Single/two-phase selectable: 20KHz (1 point)
Single-phase: 5KHz (3 points)
Counting Range
0 to 65535 (16 bits)
Operation Mode
Rotary encoder mode and adding counter mode
Analog
Potentiometer
Number
1 point
2 points
1 point
2 points
Data Range
0 to 255
Analog
Voltage Input
Number
Input Voltage Range
Input Impedance
Data Range
Pulse
Output
Number
Max. Frequency
Sensor Power
Supply
(AC Power Only)
Output Voltage
Current
24V DC (+10% to -15%), 250mA
Overload
Detection
N/A
Isolation
Isolated from the internal circuit
Port 1
RS232C (maintenance communication, user communication)
Port 2 Communication Adapter (option) 3
Possible
Possible
Possible
Possible
Possible
Clock Cartridge (option)
Possible
Possible
Possible
Possible
Possible
Possible
Memory Cartridge (option)
Possible
Possible
Possible
Possible
Possible
Possible
HMI Module (option)
Possible
Possible
Possible
Possible
Possible
Possible
1. 1 step equals 6 bytes.
2. Not including expansion I/O service time, clock function processing time, data link processing time, and interrupt processing time.
3. Maintenance communication, user communication, Modem communication, datalink, Modbus master/slave communication (FC5A only).
Note: The maximum number of relay outputs that can be turned on simultaneously is 33 including those on the CPU module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com