Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R081 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 26Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 27Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 28Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
MicroSmart Series
36
Programmable Logic Controllers
Analog Input Specifications (2)
Part Number
FC4A-J4CN1, FC4A-J8C1
FC4A-J4CN1
FC4A-J8AT1
Input Signal
Voltage Input
Current Input
Thermocouple
Resistance
Thermometer
NTC Thermistor
PTC Thermis-
tor
Input Range
0 to 10V
4 to 20mA
Type K (0 to 1300ºC)
Type J (0 to 1200ºC)
Type T (0 to 400ºC)
Pt100, Pt1000 3-wire type (–100
to 500ºC)
Ni100, Ni1000 3-wire type (–60
to 180ºC)
–50 to +150ºC
Input Impedance
1 MΩ mini-
mum
12 Ω (FC4A-J4CN1)
0.9 MΩ minimum
100Ω (FC4A-J8C1)
Input Detection Current
0.1mA
0.1mA
Sampling Duration Time
FC4A-J4CN1:
5ms maximum
1ms maximum
FC4A-J8C1: 1ms maximum
Sampling Repetition Time
FC4A-J4CN1:
5ms maximum
10ms × channels
FC4A-J8C1: 1ms maximum
Total Input System Transfer Time
FC4A-J4CN1:
40ms/ch + 1 scan time
10ms/ch + 1 scan time
FC4A-J8C1: 6ms/ch + 1 scan time
Input
Single-ended input
Operating Mode
Self-scan
Conversion Method
∑ Δ type ADC (FC4A-J4CN1), Successive approximation register method (FC4A-J8C1, FC4A-J8AT1)
Maximum Error at 25ºC
±0.005% of full scale /ºC
Plus Reference Junction Compensa-
tion Accuracy
±2ºC maximum
Temperature Coefficient
±0.005% of full scale/ºC
Repeatability after Stabilization Time
±0.5% of full scale
±0.5% of full scale /ºC
Non-linearity
±0.04% of full scale
Non-linear
Maximum Error
±1% of full scale
±1% of full scale
Digital Resolution
50000 increments (16 bits)
Type K: Approx. 24000
increments (15 bits)
Type J: Approx. 33000
increments (15 bits)
Type T: Approx. 10000
increments (14 bits)
Pt100: Approx. 6400 increments
(13 bits)
Pt1000: Approx. 64000 increments
(16 bits)
Ni100: Approx. 4700 increments
(13 bits)
Ni1000: Approx. 47000 increments
(16 bits)
Approx. 4000 increments (12 bits)
Output Value of LSB
0.2mV
0.32μA
Type K: 0.058ºC
Type J: 0.038ºC
Type T: 0.042ºC
Pt100: 0.086ºC
Pt1000: 0.0086ºC
Ni100: 0.037ºC
Ni1000: 0.0037ºC
30Ω
Data Type in Application Program
Default: 0 to 50000
Optional: –32768 to 32767 (optional range designation) 2
Default: 0 to 4000
Optional: –32768 to 32767
(optional range designation) 1
Temperature: C, ºF
Temperature: ºC, ºF
Resistance: 0 to 10000
Monotonicity
Yes
Input Data Out of Range
Detectable
Maximum Temporary Deviation
during
Electrical Noise Tests
Accuracy is not assured when noise is applied.
Input Filter
Software selectable
Cable
Twisted pair shielded cable is recom-
mended for improved noise immunity
Twisted pair shielded cable is
recommended for improved noise
immunity
Crosstalk
2 LSB maximum
Isolation
Between input and power circuit: Isolated
Between input and internal circuit: Photocoupler-isolated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com