Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R081 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FC4A-R081 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MicroSmart Series
8
Programmable Logic Controllers
MicroSmart Performance
Features:
Available in 10, 16, 20, 24, and 40 I/O CPUs.
PID Controls
-Program up to 14 PID loops
High Speed I/O
-Built-in 4 high speed inputs
-Single or Dual Phase
-Max. 20KHz frequency
Built-in 2 High speed outputs (Slim model only)
Configure up to 264 I/O Points
Data link up to 32 MicroSmart and Pentra CPUs
Using RS485 communication module/port, you can create a network
of up to 32 CPUs.
Worldwide Approvals
-cULus listed, CE marked
-Class 1 Div. 2 for hazardous locations
-Lloyds Registered and ABS approved for shipping industry
MicroSmart CPU Part Numbers
All-in-One
Appearance
Part Number
Power
I/O Points
Input
Output
Expandability
FC4A-C10R2C
24V DC
10 (6 in/ 4 out)
24V DC (Sink/Source)
Relay
N/A
FC4A-C10R2
100-240V AC
FC4A-C16R2C
24V DC
16 (9 in/ 7 out)
FC4A-C16R2
100-240V AC
FC4A-C24R2C
24V DC
24 (14 in/ 10 out)
88 Maximum I/O
(up to 4 expansion
modules)
FC4A-C24R2
100-240V AC


Similar Part No. - FC4A-R081

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
FC4A-AS62M IDEC-FC4A-AS62M Datasheet
190Kb / 1P
MicroSmart Pentra RS232 Communication Module
FC4A-J2A1 IDEC-FC4A-J2A1 Datasheet
190Kb / 1P
MicroSmart Pentra RS232 Communication Module
FC4A-J4CN1 IDEC-FC4A-J4CN1 Datasheet
190Kb / 1P
MicroSmart Pentra RS232 Communication Module
FC4A-J8AT1 IDEC-FC4A-J8AT1 Datasheet
190Kb / 1P
MicroSmart Pentra RS232 Communication Module
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
PLC High Density Analog I/O Module
More results

Similar Description - FC4A-R081

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
PerFormanCe POWER
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF Datasheet
134Kb / 7P
Good Thermal Performance, Fast Switching Performance
logo
Kemet Corporation
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
PERFORMANCE CHARACTERISTICS
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
Outstanding performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
High-performance
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
Performance Specification
logo
IDEC Corporation
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
MicroSmart Pentra RS232 Communication Module
logo
Linx Technologies
ANT-2.4-PML LINX-ANT-2.4-PML Datasheet
288Kb / 2P
Outstanding performance
5/1/15
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
MicroSmart FC6A PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com